Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5070 Datasheet(PDF) 4 Page - EPCOS

Part # B5070
Description  SAW IF filter WCDMA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5070 Datasheet(HTML) 4 Page - EPCOS

  B5070 Datasheet HTML 1Page - EPCOS B5070 Datasheet HTML 2Page - EPCOS B5070 Datasheet HTML 3Page - EPCOS B5070 Datasheet HTML 4Page - EPCOS B5070 Datasheet HTML 5Page - EPCOS B5070 Datasheet HTML 6Page - EPCOS B5070 Datasheet HTML 7Page - EPCOS B5070 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Sep 24, 2007
B5070
167.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data sheet
Characteristics
Operating temperature range:
T
=
–40 to 85 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
167.0
MHz
Minimum insertion attenuation
α
min
7.3
8.5
dB
(including matching network)
Maximum insertion attenuation
α
max
7.7
9.5
dB
(including matching network) fN ± 7.5 MHz
Passband width
α
rel ≤ 1.0 dB
B1dB
15.0
18.1
MHz
Amplitude ripple (p-p)
∆α
fN ± 7.5 MHz
0.4
1.0
dB
Average Error Vector Magnitude
EVM
fN ± 1.92 MHz
0.7
3.0
%
fN – 5 MHz ± 1.92 MHz
0.9
4.0
%
fN + 5 MHz ± 1.92 MHz
0.9
4.0
%
fN,CDMA(k)1) ± 0.6144 MHz
1) f
N,CDMA(k) = 160.125MHz + k*1.25MHz;
k = (0,1,... ,11)
0.7
4.0
%
Return Loss
Input
fN ± 7.5 MHz
10.0
15.0
dB
Output
fN ± 7.5 MHz
10.0
19.0
dB
Input IP3
40
dBm
Relative attenuation (relative to
α
min)
α
rel
fN – 10.0 MHz ... fN – 15.0 MHz
0.5
4.0
dB
fN + 10.0 MHz ... fN + 15.0 MHz
0.5
5.7
dB
fN ± 15.0 MHz ... fN ± 20.0 MHz
25
46
dB
fN ± 20.0 MHz ... fN ± 57.0 MHz
40
50
dB
Temperature coefficient of frequency
TCf
–87
ppm/K


Similar Part No. - B5070

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
B507 HOTTECH-B507 Datasheet
471Kb / 3P
   BIPOLAR TRANSISTOR (PNP)
logo
EPCOS
B5071 EPCOS-B5071 Datasheet
64Kb / 7P
   SAW IF filter WCDMA and CDMA2000
logo
Amphenol Corporation
B5072A1-ND3G-50 AMPHENOL-B5072A1-ND3G-50 Datasheet
79Kb / 1P
   BNC MALE TO FEMALE R/A ADAPTOR
logo
EPCOS
B5073 EPCOS-B5073 Datasheet
52Kb / 7P
   SAW RF filter TETRA
B5074 EPCOS-B5074 Datasheet
52Kb / 7P
   SAW RF filter TETRA
More results

Similar Description - B5070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5087 EPCOS-B5087 Datasheet
62Kb / 7P
   SAW IF filter WCDMA
B5060 EPCOS-B5060 Datasheet
66Kb / 8P
   SAW IF filter WCDMA
B5051 EPCOS-B5051 Datasheet
63Kb / 7P
   SAW IF filter WCDMA
B5071 EPCOS-B5071 Datasheet
64Kb / 7P
   SAW IF filter WCDMA and CDMA2000
logo
Transko Electronics, In...
TA1950AM TRANSKO-TA1950AM Datasheet
428Kb / 4P
   WCDMA, RF-Tx SAW Filter
Revision 1: July 2011
TA2140GM TRANSKO-TA2140GM Datasheet
457Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 0: August 2012
logo
Oscilent Corporation
862-RF2140.0M-A6 OSCILENT-862-RF2140.0M-A6 Datasheet
172Kb / 3P
   WCDMA, RF-Rx SAW Filter
802-RF2140.0M-A02 OSCILENT-802-RF2140.0M-A02 Datasheet
196Kb / 3P
   WCDMA, RF-Rx SAW Filter
logo
Transko Electronics, In...
TA2160KM TRANSKO-TA2160KM Datasheet
472Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 0: August 2012
TA2160AM TRANSKO-TA2160AM Datasheet
425Kb / 4P
   WCDMA, RF-Rx SAW Filter
Revision 0: June 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com