Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3L4051 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # NX3L4051
Description  Single low-ohmic 8-channel analog switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3L4051 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button NX3L4051 Datasheet HTML 4Page - NXP Semiconductors NX3L4051 Datasheet HTML 5Page - NXP Semiconductors NX3L4051 Datasheet HTML 6Page - NXP Semiconductors NX3L4051 Datasheet HTML 7Page - NXP Semiconductors NX3L4051 Datasheet HTML 8Page - NXP Semiconductors NX3L4051 Datasheet HTML 9Page - NXP Semiconductors NX3L4051 Datasheet HTML 10Page - NXP Semiconductors NX3L4051 Datasheet HTML 11Page - NXP Semiconductors NX3L4051 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
NX3L4051
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 12 August 2010
8 of 23
NXP Semiconductors
NX3L4051
Single low-ohmic 8-channel analog switch
11.2 ON resistance
[1]
For NX3L4051PW (TSSOP16 package), all ON resistance values are up to 0.05
 higher.
[2]
Typical values are measured at Tamb = 25 C.
[3]
Measured at identical VCC, temperature and input voltage.
[4]
Flatness is defined as the difference between the maximum and minimum value of ON resistance measured at identical VCC and
temperature.
Table 8.
ON resistance[1]
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for graphs see Figure 8 to Figure 14.
Symbol
Parameter
Conditions
Tamb = 40 C to +85 C Tamb = 40 C to +125 C Unit
Min
Typ[2]
Max
Min
Max
RON(peak) ON resistance
(peak)
VI =GND to VCC;
ISW = 100 mA; see Figure 7
VCC = 1.4 V
-
1.7
3.7
-
4.1
VCC = 1.65 V
-
1.0
1.6
-
1.7
VCC = 2.3 V
-
0.6
0.8
-
0.9
VCC = 2.7 V
-
0.5
0.75
-
0.9
VCC = 4.3 V
-
0.5
0.75
-
0.9
R
ON
ON resistance
mismatch
between
channels
VI =GND to VCC;
ISW = 100 mA
[3]
VCC =1.4 V; VSW = 0.4 V
-
0.18
0.30
-
0.30
VCC =1.65V; VSW = 0.5 V
-
0.18
0.20
-
0.30
VCC =2.3 V; VSW = 0.7 V
-
0.07
0.10
-
0.13
VCC =2.7 V; VSW = 0.8 V
-
0.07
0.10
-
0.13
VCC =4.3 V; VSW = 0.8 V
-
0.07
0.10
-
0.13
RON(flat)
ON resistance
(flatness)
VI =GND to VCC;
ISW = 100 mA
[4]
VCC = 1.4 V
-
1.0
3.3
-
3.6
VCC = 1.65 V
-
0.5
1.2
-
1.3
VCC = 2.3 V
-
0.15
0.3
-
0.35
VCC = 2.7 V
-
0.13
0.3
-
0.35
VCC = 4.3 V
-
0.2
0.4
-
0.45


Similar Part No. - NX3L4051

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L4051 PHILIPS-NX3L4051 Datasheet
266Kb / 23P
   Single low-ohmic 8-channel analog switch
Rev. 5-3 July 2012
NX3L4051-Q100 NXP-NX3L4051-Q100 Datasheet
1Mb / 2P
   NXP Logic ??Q100 logic portfolio
NX3L4051HR PHILIPS-NX3L4051HR Datasheet
266Kb / 23P
   Single low-ohmic 8-channel analog switch
Rev. 5-3 July 2012
NX3L4051 PHILIPS-NX3L4051_15 Datasheet
266Kb / 23P
   Single low-ohmic 8-channel analog switch
Rev. 5-3 July 2012
More results

Similar Description - NX3L4051

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
XS3A4051 NEXPERIA-XS3A4051 Datasheet
314Kb / 20P
   Single low-ohmic 8-channel analog switch
Rev. 1 - 11 February 2022
logo
NXP Semiconductors
NX3L4051HR PHILIPS-NX3L4051HR Datasheet
266Kb / 23P
   Single low-ohmic 8-channel analog switch
Rev. 5-3 July 2012
NX3L4051 PHILIPS-NX3L4051_15 Datasheet
266Kb / 23P
   Single low-ohmic 8-channel analog switch
Rev. 5-3 July 2012
NX3V1T66 PHILIPS-NX3V1T66_15 Datasheet
189Kb / 20P
   Low-ohmic single-pole single-throw analog switch
Rev. 7-2 November 2011
NX3L1G66 NXP-NX3L1G66 Datasheet
145Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 06-18 August 2009
NX3L1G384 NXP-NX3L1G384 Datasheet
148Kb / 17P
   Low-ohmic single-pole single-throw analog switch
Rev. 03-17 August 2009
NX3L2T66 NXP-NX3L2T66 Datasheet
127Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-4 December 2008
NX3V1G384 NXP-NX3V1G384 Datasheet
122Kb / 16P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-18 September 2008
NX3L1G66 PHILIPS-NX3L1G66_15 Datasheet
175Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 8-9 November 2011
NX3L1T384 PHILIPS-NX3L1T384_15 Datasheet
174Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 3-9 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com