Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT3861DK Datasheet(PDF) 3 Page - NXP Semiconductors

Part # CBT3861DK
Description  10-bit bus switch with output enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBT3861DK Datasheet(HTML) 3 Page - NXP Semiconductors

  CBT3861DK Datasheet HTML 1Page - NXP Semiconductors CBT3861DK Datasheet HTML 2Page - NXP Semiconductors CBT3861DK Datasheet HTML 3Page - NXP Semiconductors CBT3861DK Datasheet HTML 4Page - NXP Semiconductors CBT3861DK Datasheet HTML 5Page - NXP Semiconductors CBT3861DK Datasheet HTML 6Page - NXP Semiconductors CBT3861DK Datasheet HTML 7Page - NXP Semiconductors CBT3861DK Datasheet HTML 8Page - NXP Semiconductors CBT3861DK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CBT3861
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 19 August 2010
3 of 14
NXP Semiconductors
CBT3861
10-bit bus switch with output enable
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; Z = high-impedance OFF-state.
Fig 4.
Pin configuration for DHVQFN24 (SOT815-1)
001aam474
CBT3861
GND(1)
Transparent top view
B9
A9
A10
B8
A8
B7
A7
B6
A6
B5
A5
B4
A4
B3
A3
B2
A2
B1
A1
OE
11
14
10
15
9
16
8
17
7
18
6
19
5
20
4
21
3
22
2
23
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
nc
1
not connected
A1 to A10
2, 3, 4, 5, 6, 7, 8, 9, 10, 11
data input/output (A port)
GND
12
ground (0 V)
B1 to B10
22, 21, 20, 19, 18, 17, 16, 15, 14, 13 data input/output (B port)
OE
23
output enable input (active LOW)
VCC
24
positive supply voltage
Table 3.
Function selection[1]
Input
Input/output
OE
An, Bn
LAn = Bn
HZ


Similar Part No. - CBT3861DK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CBT3861 TI-CBT3861 Datasheet
258Kb / 10P
[Old version datasheet]   10-BIT FET BUS SWITCH
logo
Nexperia B.V. All right...
CBT3861 NEXPERIA-CBT3861 Datasheet
208Kb / 10P
   10-bit bus switch with output enable
Rev. 4 - 6 March 2019
CBT3861BQ NEXPERIA-CBT3861BQ Datasheet
208Kb / 10P
   10-bit bus switch with output enable
Rev. 4 - 6 March 2019
CBT3861PW NEXPERIA-CBT3861PW Datasheet
208Kb / 10P
   10-bit bus switch with output enable
Rev. 4 - 6 March 2019
More results

Similar Description - CBT3861DK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74CBTLV3861 NXP-74CBTLV3861 Datasheet
165Kb / 18P
   10-bit bus switch with output enable
Rev. 3-16 December 2011
74CBTLV3861 PHILIPS-74CBTLV3861_15 Datasheet
165Kb / 18P
   10-bit bus switch with output enable
Rev. 3-16 December 2011
logo
Nexperia B.V. All right...
CBT3861 NEXPERIA-CBT3861 Datasheet
208Kb / 10P
   10-bit bus switch with output enable
Rev. 4 - 6 March 2019
74CBTLV3861 NEXPERIA-74CBTLV3861 Datasheet
286Kb / 15P
   10-bit bus switch with output enable
Rev. 5 - 16 February 2021
CBTD3861 NEXPERIA-CBTD3861 Datasheet
218Kb / 12P
   10-bit level shifting bus switch with output enable
Rev. 3 - 6 March 2019
74CBTLVD3861 NEXPERIA-74CBTLVD3861 Datasheet
240Kb / 14P
   10-bit level-shifting bus switch with output enable
Rev. 5 - 18 April 2019
logo
NXP Semiconductors
CBTD3861 NXP-CBTD3861 Datasheet
342Kb / 16P
   10-bit level shifting bus switch with output enable
Rev. 1-19 August 2010
74CBTLVD3861 PHILIPS-74CBTLVD3861_15 Datasheet
142Kb / 19P
   10-bit level-shifting bus switch with output enable
Rev. 4-14 December 2011
74CBTLV3245 PHILIPS-74CBTLV3245_15 Datasheet
163Kb / 18P
   8-bit bus switch with output enable
Rev. 2-15 December 2011
logo
Nexperia B.V. All right...
74CBTLV3245 NEXPERIA-74CBTLV3245 Datasheet
267Kb / 15P
   8-bit bus switch with output enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com