Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS168X-CB2DG080N Datasheet(PDF) 5 Page - Schurter Inc.

Part # AS168X-CB2DG080N
Description  MANUAL MOTOR CONTROLLER AND SUPPLEMENTARY PROTECTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

AS168X-CB2DG080N Datasheet(HTML) 5 Page - Schurter Inc.

  AS168X-CB2DG080N Datasheet HTML 1Page - Schurter Inc. AS168X-CB2DG080N Datasheet HTML 2Page - Schurter Inc. AS168X-CB2DG080N Datasheet HTML 3Page - Schurter Inc. AS168X-CB2DG080N Datasheet HTML 4Page - Schurter Inc. AS168X-CB2DG080N Datasheet HTML 5Page - Schurter Inc. AS168X-CB2DG080N Datasheet HTML 6Page - Schurter Inc. AS168X-CB2DG080N Datasheet HTML 7Page - Schurter Inc. AS168X-CB2DG080N Datasheet HTML 8Page - Schurter Inc. AS168X-CB2DG080N Datasheet HTML 9Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MANUAL MOTOR CONTROLLER AND SUPPLEMENTARY PROTECTOR
MOTOR- UND GERÄTESCHUTZSCHALTER
AS168X
Approvals / Approbationen
www.schurter.com
127
VDE
UL
UL
EN 60934 *
UL 1077
CSA 22.2 235
UL 508 **
CSA 22.2 14
Poles
Characteristic/
Nennstrom [A]
Volt AC
Volt
DC
Icn [A]
Volt AC
Volt DC
Icn [A]
Volt AC
Icn [A]
1
F / G / H
45 - 52
420/240
65
4500
277
65
5000
277
5000
F / G
0.5 - 25
420/240
65
4500
277
240
65
5000
10000
277
5000
H
0.5 - 40
420/240
65
4500
277
65
5000
277
5000
F / G
27 - 40
420/240
65
4500
277
240
65
5000
10000
277
5000
2
F / G / H
45 - 52
420
65
4500
480
65
5000
480
5000
F / G
0.5 - 25
420
65
4500
480
65
10000
480
5000
H
0.5 - 40
420
65
4500
480
65
5000
480
5000
F / G
27 - 40
420
65
4500
480
65
10000
480
5000
3
F / G / H
45 - 52
420
65
4500
480Y/277
65
5000
480
5000
F / G
0.5 - 25
420
65
4500
480Y/277
65
10000
480
5000
H
0.5 - 40
420
65
4500
480Y/277
65
5000
480
5000
F / G
27 - 40
420
65
4500
480Y/277
65
10000
480
5000
4
F / G / H
0.5 - 52
420/240
65
4500
480Y/277
65
5000
480Y/277
5000
VDE *
UL
EN 60934
UL 1077
CSA 22.2 235
Poles
Characteristic/
Nennstrom [A]
Volt DC
Icn [A]
Volt DC
Icn [A]
1
DF / DG
0.5 - 50
120
4500
180
2000
DH
6 - 50
120
4500
180
2000
2
DF / DG
0.5 - 50
240
4500
360
2000
DH
6 - 50
240
4500
360
2000
3
DF / DG
0.5 - 40
360
4500
360
10000
DF / DG
45 - 50
360
4500
360
5000
DH
6 - 50
360
4500
360
5000
4
DF / DG
0.5 - 40
360
4500
360
10000
DF / DG
45 - 50
360
4500
360
5000
DH
6 - 50
360
4500
360
5000
AC versions / AC-Versionen
DC versions / DC-Versionen
* VDE approval pending / VDE Zulassung pendent
** Rated currents 32 – 52 A available approx. March 2003 / Nennwerte 32 – 52 A ca. ab März 2003 lieferbar
E
V
D
E
V
D


Similar Part No. - AS168X-CB2DG080N

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AS168XAC1 SCHURTER-AS168XAC1 Datasheet
511Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 1 pole
AS168XAC2 SCHURTER-AS168XAC2 Datasheet
523Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC2 SCHURTER-AS168XAC2 Datasheet
558Kb / 9P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC2 SCHURTER-AS168XAC2_V01 Datasheet
558Kb / 9P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 2 poles
AS168XAC3 SCHURTER-AS168XAC3 Datasheet
528Kb / 8P
   Manual Motor Controller / Circuit Breaker for Equipment thermal-magnetic, 3 poles
More results

Similar Description - AS168X-CB2DG080N

ManufacturerPart #DatasheetDescription
logo
Altech corporation
2BU05R ALTECH-2BU05R Datasheet
140Kb / 2P
   R-Series - UL1077 Supplementary Protector
2CU05R ALTECH-2CU05R Datasheet
140Kb / 2P
   R-Series - UL1077 Supplementary Protector
3DU05R ALTECH-3DU05R Datasheet
143Kb / 2P
   R-Series - UL1077 Supplementary Protector
1CU05R ALTECH-1CU05R Datasheet
128Kb / 2P
   R-Series - UL1077 Supplementary Protector
2DU05R ALTECH-2DU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
3BU05R ALTECH-3BU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
3CU05R ALTECH-3CU05R Datasheet
142Kb / 2P
   R-Series - UL1077 Supplementary Protector
logo
Schneider Electric
MG27338 SCHNEIDER-MG27338 Datasheet
52Kb / 1P
   SUPPLEMENTARY PROTECTOR 277V 40A 1P
logo
Altech corporation
TR-11CX630.5A ALTECH-TR-11CX630.5A Datasheet
483Kb / 3P
   UL1077 Recognized Supplementary Protector/ Circuit Breaker for Equipment
logo
List of Unclassifed Man...
HBLDS6SSAC ETC2-HBLDS6SSAC Datasheet
891Kb / 12P
   Manual Motor Controllers and Disconnects
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com