Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBTD3861PW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # CBTD3861PW
Description  10-bit level shifting bus switch with output enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CBTD3861PW Datasheet(HTML) 3 Page - NXP Semiconductors

  CBTD3861PW Datasheet HTML 1Page - NXP Semiconductors CBTD3861PW Datasheet HTML 2Page - NXP Semiconductors CBTD3861PW Datasheet HTML 3Page - NXP Semiconductors CBTD3861PW Datasheet HTML 4Page - NXP Semiconductors CBTD3861PW Datasheet HTML 5Page - NXP Semiconductors CBTD3861PW Datasheet HTML 6Page - NXP Semiconductors CBTD3861PW Datasheet HTML 7Page - NXP Semiconductors CBTD3861PW Datasheet HTML 8Page - NXP Semiconductors CBTD3861PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CBTD3861
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 19 August 2010
3 of 16
NXP Semiconductors
CBTD3861
10-bit level shifting bus switch with output enable
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; Z = high-impedance OFF-state.
(1) The die substrate is attached to this pad using conductive die attach material. It can not be used as supply pin or input.
Fig 4.
Pin configuration for DHVQFN24 (SOT815-1)
001aam479
CBTD3861
GND(1)
Transparent top view
B9
A9
A10
B8
A8
B7
A7
B6
A6
B5
A5
B4
A4
B3
A3
B2
A2
B1
A1
OE
11
14
10
15
9
16
8
17
7
18
6
19
5
20
4
21
3
22
2
23
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
n.c.
1
not connected
A1 to A10
2, 3, 4, 5, 6, 7, 8, 9, 10, 11
data input/output (A port)
GND
12
ground (0 V)
B1 to B10
22, 21, 20, 19, 18, 17, 16, 15, 14, 13 data input/output (B port)
OE
23
output enable input (active LOW)
VCC
24
positive supply voltage
Table 3.
Function selection[1]
Input
Input/output
OE
An, Bn
LAn = Bn
HZ


Similar Part No. - CBTD3861PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
CBTD3861PW NEXPERIA-CBTD3861PW Datasheet
218Kb / 12P
   10-bit level shifting bus switch with output enable
Rev. 3 - 6 March 2019
More results

Similar Description - CBTD3861PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74CBTLVD3861 PHILIPS-74CBTLVD3861_15 Datasheet
142Kb / 19P
   10-bit level-shifting bus switch with output enable
Rev. 4-14 December 2011
logo
Nexperia B.V. All right...
CBTD3861 NEXPERIA-CBTD3861 Datasheet
218Kb / 12P
   10-bit level shifting bus switch with output enable
Rev. 3 - 6 March 2019
74CBTLVD3861 NEXPERIA-74CBTLVD3861 Datasheet
240Kb / 14P
   10-bit level-shifting bus switch with output enable
Rev. 5 - 18 April 2019
logo
NXP Semiconductors
74CBTLVD3245 PHILIPS-74CBTLVD3245_15 Datasheet
415Kb / 19P
   8-bit level-shifting bus switch with output enable
Rev. 3-16 December 2011
logo
Nexperia B.V. All right...
74CBTLVD3245-Q100 NEXPERIA-74CBTLVD3245-Q100 Datasheet
235Kb / 14P
   8-bit level-shifting bus switch with output enable
74CBTLVD3245 NEXPERIA-74CBTLVD3245 Datasheet
235Kb / 14P
   8-bit level-shifting bus switch with output enable
logo
NXP Semiconductors
74CBTLVD3861BQ NXP-74CBTLVD3861BQ Datasheet
142Kb / 19P
   10-bit level-shifting bus switch with output enable Rev. 4 ??14 December 2011
Rev. 4-14 December 2011
logo
Nexperia B.V. All right...
74CBTLVD3384 NEXPERIA-74CBTLVD3384 Datasheet
240Kb / 14P
   10-bit level-shifting bus switch with 5-bit output enables
logo
NXP Semiconductors
74CBTLVD3384 PHILIPS-74CBTLVD3384_15 Datasheet
255Kb / 20P
   10-bit level-shifting bus switch with 5-bit output enables
Rev. 2-16 December 2011
CBTD16210 PHILIPS-CBTD16210_15 Datasheet
89Kb / 10P
   20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com