Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS2005M Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RS2005M
Description  SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 20 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RS2005M Datasheet(HTML) 2 Page - Rectron Semiconductor

  RS2005M Datasheet HTML 1Page - Rectron Semiconductor RS2005M Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RECTRON
RATING AND CHARACTERISTIC CURVES (RS2001M THRU RS2007M)
POWER DISSIPATION
AVERAGE RECTIFIED FORWARD CURRENT, Io (A)
04
8
12
16
20
24
60
50
40
30
20
10
0
sine wave
Tj=150
TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
TC = 150 (TYP)
TC = 25 (TYP)
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0.1
0.2
0.5
1
2
5
10
20
30
pulse test
per one diode
non-repetitive
Tj=25
1 cycle
8.3ms 8.3ms
0
SURGE FORWARD CURRENT CAPABILITY
NUMBER OF CYCLE
sine wave
300
250
200
150
1
2
5
10
20
50
100
TYPICAL FORWARD CURRENT
DERATING CURVE
AMBIENT TEMPERATURE, (
)
on glass-epoxi substrate
P.C.B
soldering land 5mmf
sine wave
R-load
free in air
0
40
80
120
160
0
1
2
3
4
CONTACT THERMAL RESISTANCE fcf
MOUNTING TORQUE (Kg.cm)
with thermal compound
23
4
5
6
7
8
1
0.9
0.8
0.7
0.6
0.5
0.4
TYPICAL FORWARD CURRENT
DERATING CURVE
CASE TEMPERATURE, (
)
heatsink
Tc
Tc
sine wave
R-load
on heatsink
80
90
100
110
120 130 140
150 160
20
22
14
12
18
16


Similar Part No. - RS2005M

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
RS2005M ZSELEC-RS2005M Datasheet
107Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Rectron Semiconductor
RS2005MLS RECTRON-RS2005MLS Datasheet
150Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 20Amperes
2019-06/47 REV: O
More results

Similar Description - RS2005M

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MB2505 RECTRON-MB2505 Datasheet
27Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
RS1501M RECTRON-RS1501M Datasheet
31Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes)
RS2501M RECTRON-RS2501M Datasheet
30Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
RS801 RECTRON-RS801 Datasheet
26Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes)
RBU2001M RECTRON-RBU2001M Datasheet
162Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 20 Amperes
2018-10 REV: A
RS2001M RECTRON-RS2001M_10 Datasheet
275Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 20 Amperes
logo
Wing Shing Computer Com...
KBPC35005 WINGS-KBPC35005 Datasheet
399Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 35 Amperes)
logo
Rectron Semiconductor
MB3505 RECTRON-MB3505 Datasheet
27Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes)
RS601 RECTRON-RS601 Datasheet
55Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
RS601M RECTRON-RS601M Datasheet
23Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com