Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68HC11K4VFN3 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC68HC11K4VFN3
Description  8-Bit Microcontroller
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC11K4VFN3 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC68HC11K4VFN3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC68HC11K4VFN3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC68HC11K4VFN3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68HC11K4VFN3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68HC11K4VFN3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68HC11K4VFN3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68HC11K4VFN3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68HC11K4VFN3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68HC11K4VFN3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
M68HC11 K Series
MOTOROLA
MC68HC11KTS/D
5
Figure 1 Pin Assignments for 84-Pin PLCC/CLCC
25
26
12
13
14
15
16
17
18
19
20
59
73
72
71
70
69
68
67
66
65
64
21
22
23
24
63
62
61
60
27
74
PG7/R/W
PG6
PH7/CSPROG
PH6/CSGP2
PH5/CSGP1
PH4/CSIO
PH3/PW4
PH2/PW3
PH1/PW2
PH0/PW1
XIRQ/VPPE
2
TEST161
TEST151
VDD
VSS
TEST141
PC6/DATA6
VDD
VSS
PC7/DATA7
PC5/DATA5
PC4/DATA4
PD2/MISO
PD1/TxD
PD0/RxD
MODA/LIR
MODB/VSTBY
RESET
XTAL
EXTAL
XOUT
E
MC68HC11K SERIES
58
PC3/DATA3
PG5/XA18
28
1
PC2/DATA2
PC1/DATA1
PC0/DATA0
IRQ
57
56
55
54
PG4/XA17
PG3/XA16
PG2/XA15
PG1/XA14
29
30
31
32
1. Pins 20, 22, and 25 are used only during factory testing and should not be connected to external circuitry.
2. VPPE applies only to devices with EPROM.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC68HC11K4VFN3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11K4VFN3 MOTOROLA-MC68HC11K4VFN3 Datasheet
420Kb / 80P
   Technical Summary 8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68HC11K4VFN3 FREESCALE-MC68HC11K4VFN3 Datasheet
17Mb / 229P
   HCMOS MICROCONTROLLER UNIT
logo
NXP Semiconductors
MC68HC11K4VFN3 NXP-MC68HC11K4VFN3 Datasheet
909Kb / 80P
   8-Bit Microcontroller
MC68HC11K4VFN3 NXP-MC68HC11K4VFN3 Datasheet
18Mb / 229P
   HCMOS MICROCONTROLLER UNIT
More results

Similar Description - MC68HC11K4VFN3

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com