Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJA1054 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TJA1054
Description  Fault-tolerant CAN transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1054 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TJA1054 Datasheet HTML 6Page - NXP Semiconductors TJA1054 Datasheet HTML 7Page - NXP Semiconductors TJA1054 Datasheet HTML 8Page - NXP Semiconductors TJA1054 Datasheet HTML 9Page - NXP Semiconductors TJA1054 Datasheet HTML 10Page - NXP Semiconductors TJA1054 Datasheet HTML 11Page - NXP Semiconductors TJA1054 Datasheet HTML 12Page - NXP Semiconductors TJA1054 Datasheet HTML 13Page - NXP Semiconductors TJA1054 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TJA1054
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 3 August 2010
10 of 25
NXP Semiconductors
TJA1054
Fault-tolerant CAN transceiver
[1]
All voltages are defined with respect to pin GND, unless otherwise specified. Positive current flows into the
device.
[2]
Only relevant if VWAKE <VGND − 0.3 V; current will flow into pin GND.
[3]
Junction temperature in accordance with “IEC 60747-1”. An alternative definition is: Tvj =Tamb +P × Rth(vj-a)
where Rth(vj-a) is a fixed value to be used for the calculation of Tvj. The rating for Tvj limits the allowable
combinations of power dissipation (P) and ambient temperature (Tamb).
[4]
Equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω resistor.
[5]
Equivalent to discharging a 200 pF capacitor through a 10
Ω resistor and a 0.75 μH coil.
9.
Thermal characteristics
VI(WAKE)
input voltage on pin WAKE
with respect to any
other pin
VBAT +0.3 V
II(WAKE)
input current on pin WAKE
[2]
−15
-
mA
VINH
voltage on pin INH
−0.3
VBAT +0.3 V
VRTH
voltage on pin RTH
with respect to any
other pin
−0.3
VBAT +1.2 V
VRTL
voltage on pin RTL
with respect to any
other pin
−0.3
VBAT +1.2 V
RRTH
termination resistance on
pin RTH
500
16000
Ω
RRTL
termination resistance on
pin RTL
500
16000
Ω
Tvj
virtual junction temperature
[3]
−40
+150
°C
Tstg
storage temperature
−55
+150
°C
VESD
electrostatic discharge
voltage
human body model
[4]
−2+2
kV
machine model
[5]
−100
+100
V
Table 6.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
in free air
120
K/W
Rth(j-s)
thermal resistance from junction to substrate
bare die
in free air
40
K/W


Similar Part No. - TJA1054

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1054 PHILIPS-TJA1054 Datasheet
124Kb / 20P
   Fault-tolerant CAN transceiver
1999 Feb 11
TJA1054 NXP-TJA1054 Datasheet
146Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 04-24 September 2009
TJA1054A PHILIPS-TJA1054A Datasheet
144Kb / 25P
   Fault-tolerant CAN transceiver
2004 Mar 23
TJA1054A NXP-TJA1054A Datasheet
152Kb / 27P
   Fault-tolerant CAN transceiver
Rev. 05-29 September 2009
TJA1054AT PHILIPS-TJA1054AT Datasheet
144Kb / 25P
   Fault-tolerant CAN transceiver
2004 Mar 23
More results

Similar Description - TJA1054

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C252 PHILIPS-PCA82C252 Datasheet
112Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 28
TJA1053 PHILIPS-TJA1053 Datasheet
113Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 15
logo
ON Semiconductor
AMIS-41682 ONSEMI-AMIS-41682 Datasheet
270Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054 NXP-TJA1054 Datasheet
146Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 04-24 September 2009
logo
STMicroelectronics
L9669 STMICROELECTRONICS-L9669 Datasheet
205Kb / 13P
   FAULT TOLERANT CAN TRANSCEIVER
logo
AMI SEMICONDUCTOR
AMIS-4168X AMI-AMIS-4168X Datasheet
625Kb / 18P
   Fault Tolerant CAN Transceiver
logo
NXP Semiconductors
TJA1054 PHILIPS-TJA1054 Datasheet
124Kb / 20P
   Fault-tolerant CAN transceiver
1999 Feb 11
logo
ON Semiconductor
AMIS41682NGA ONSEMI-AMIS41682NGA Datasheet
259Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054A NXP-TJA1054A Datasheet
152Kb / 27P
   Fault-tolerant CAN transceiver
Rev. 05-29 September 2009
logo
ON Semiconductor
AMIS-41682 ONSEMI-AMIS-41682_15 Datasheet
219Kb / 16P
   Fault Tolerant CAN Transceiver
April, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com