Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE180 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # P4KE180
Description  GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

P4KE180 Datasheet(HTML) 1 Page - Rectron Semiconductor

  P4KE180 Datasheet HTML 1Page - Rectron Semiconductor P4KE180 Datasheet HTML 2Page - Rectron Semiconductor P4KE180 Datasheet HTML 3Page - Rectron Semiconductor P4KE180 Datasheet HTML 4Page - Rectron Semiconductor P4KE180 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3. VF = 3.0V max. for devices of V(BR) < 200V and VF = 6.5 Volts max. for devices of V(BR) > 200V.
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Plastic package has underwriters laboratory
* Glass passivated chip construction
* 400 watt surage capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load,
For capacitive load, derate current by 20%.
TVS
P4KE
SERIES
DO-41
400 WATT PEAK POWER 1.0 WATT STEADY STATE
GPP TRANSIENT VOLTAGE SUPPRESSOR
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA suffix for types P4KE6.8 thru P4KE400
Electrical characteristics apply in both direction
1998-8
Ratings at 25
oC ambient temperature unless otherwise specified.
NOTES :
2. Mounted on 1.6 X 1.6” ( 40 X 40mm ) per Fig. 5
1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25
oC per Fig.2.
RATINGS
Steady State Power Dissipation at TL = 75
oC lead lengths,
.375” ( 9.5 mm ) ( Note 2 )
Peak Forward Surge Current, 8.3ms single half sine wave-
superimposed on rated load( JEDEC METHOD ) ( NoteS 3 )
Maximum Instantaneous Forward Current at 25A for
SYMBOL
IFSM
VF
TJ, TSTG
Volts
-65 to + 175
0 C
UNITS
unidirectional only ( Note 4 )
Amps
Peak Power Dissipation at TA = 25
oC, TP = 1mS ( Note 1 )
Minimum 400
40
3.5/6.5
VALUE
Operating and Storage Temperature Range
PPPM
Watts
PD
Watts
1.0
Back


Similar Part No. - P4KE180

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
P4KE180 DACHANG-P4KE180 Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
Pan Jit International I...
P4KE180 PANJIT-P4KE180 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Taiwan Semiconductor Co...
P4KE180 TSC-P4KE180 Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
logo
Semikron International
P4KE180 SEMIKRON-P4KE180 Datasheet
147Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
Microdiode Electronics ...
P4KE180 CHENDA-P4KE180 Datasheet
558Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4KE180

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
P4FMAJ RECTRON-P4FMAJ Datasheet
1Mb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE)
TFMAJ RECTRON-TFMAJ Datasheet
989Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (400 WATT PEAK POWER 1.0 WATT STEADY STATE)
TFMBJ RECTRON-TFMBJ Datasheet
1,016Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
P6KE RECTRON-P6KE Datasheet
1Mb / 5P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
TFMCJ RECTRON-TFMCJ Datasheet
1,020Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (1500 WATT PEAK POWER 1.0 WATT STEADY STATE)
P6FMBJ RECTRON-P6FMBJ Datasheet
1Mb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
P4FMAJ RECTRON-P4FMAJ Datasheet
123Kb / 6P
   SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER 1.0 WATTS STEADY STATE
TFMBG150A RECTRON-TFMBG150A Datasheet
410Kb / 3P
   SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
TMPG06-27 RECTRON-TMPG06-27 Datasheet
28Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR 300 WATT PEAK POWER 1.0 WATT STEADY STATE
3KPSMC RECTRON-3KPSMC Datasheet
282Kb / 7P
   GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com