Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UBA2033 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # UBA2033
Description  HF full bridge driver IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2033 Datasheet(HTML) 5 Page - NXP Semiconductors

  UBA2033 Datasheet HTML 1Page - NXP Semiconductors UBA2033 Datasheet HTML 2Page - NXP Semiconductors UBA2033 Datasheet HTML 3Page - NXP Semiconductors UBA2033 Datasheet HTML 4Page - NXP Semiconductors UBA2033 Datasheet HTML 5Page - NXP Semiconductors UBA2033 Datasheet HTML 6Page - NXP Semiconductors UBA2033 Datasheet HTML 7Page - NXP Semiconductors UBA2033 Datasheet HTML 8Page - NXP Semiconductors UBA2033 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
2002 Oct 08
5
NXP Semiconductors
Product specification
HF full bridge driver IC
UBA2033
FUNCTIONAL DESCRIPTION
Supply voltage
The UBA2033 is powered by a supply voltage applied to
pin HV, for instance the supply voltage of the full bridge.
The IC generates its own low supply voltage for the
internal circuitry. Therefore an additional low voltage
supply is not required. A capacitor has to be connected to
pin VDD to obtain a ripple-free internal supply voltage.
The circuit can also be powered by a low voltage supply
directly applied to pin VDD. In this case pin HV should be
connected to pin VDD or SGND.
Start-up
With an increasing supply voltage the IC enters the
start-up state; the higher power transistors are kept off and
the lower power transistors are switched on. During the
start-up state the bootstrap capacitors are charged and the
bridge output current is zero. The start-up state is defined
until VDD =VDD(UVLO), where UVLO stands for Under
Voltage Lock-out. The state of the outputs during the
start-up phase is overruled by the bridge disable function.
Release of the power drive
At the moment the supply voltage on pin VDD or HV
exceeds the level of release power drive, the output
voltage of the bridge depends on the control signal on
pin EXTDR (see Table 1). The bridge position after
start-up, disable, or delayed start-up (via pin SU) depends
on the status of the pins DD and EXTDR. If pin DD = LOW
(divider enabled) the bridge will start in the pre-defined
position: pin GLR and pin GHL = HIGH and pin GLL and
pin GHR = LOW. If pin DD = HIGH (divider disabled) the
bridge position will depend on the status of pin EXTDR.
If the supply voltage on pin VDD or HV decreases and
drops below the reset level of power drive the IC enters the
start-up state again.
Oscillation
At the point where the supply voltage on pin HV crosses
the level of release power drive, the bridge begins
commutating between the following two defined states:
• Higher left and lower right MOSFETs on,
higher right and lower left MOSFETs off
• Higher left and lower right MOSFETs off,
higher right and lower left MOSFETs on.
The oscillation can take place in three different modes:
• Internal oscillator mode.
In this mode the bridge commutating frequency is
determined by the values of an external resistor (Rosc)
and capacitor (Cosc). In this mode pin EXTDR must be
connected to pin
+LVS. To realize an accurate 50% duty
factor, the internal divider should be used. The internal
divider is enabled by connecting pin DD to SGND. Due
to the presence of the divider the bridge frequency
is half the oscillator frequency. The commutation of the
bridge will take place at the falling edge of the signal on
pin RC. To minimize the current consumption
pins
+LVS, −LVS and EXTDR can be connected
together to either pin SGND or VDD. In this way the
current source in the logic voltage supply circuit is shut
off.
• External oscillator mode without the internal divider.
In the external oscillator mode the external source is
connected to pin EXTDR and pin RC is short-circuited to
pin SGND to disable the internal oscillator. If the internal
divider is disabled (pin DD = VDD) the duty factor of the
bridge output signal is determined by the external
oscillator signal and the bridge frequency equals the
external oscillator frequency.
• External oscillator mode with the internal divider.
The external oscillator mode can also be used with the
internal divider function enabled (pin RC and
pin DD = SGND). Due to the presence of the divider the
bridge frequency is half the external oscillator
frequency. The commutation of the bridge is triggered by
the falling edge of the EXTDR signal with respect to
V−LVS.
The design equation for the bridge oscillator frequency is:
Non-overlap time
The non-overlap time is the time between turning off the
conducting pair of MOSFETs and turning on the next pair.
The non-overlap time is internally fixed to a very small
value, which allows an HID system to operate with a very
small phase difference between load current and full
bridge voltage (pins SHL and SHR). Especially when
igniting an HID lamp via a LC resonance circuit, a small
‘dead time’ is essential. The high maximum operating
frequency, together with a small ‘dead time’, also gives the
opportunity to ignite the HID lamp at the third harmonic of
the full bridge voltage, thereby reducing costs in the
magnetic power components.
f
bridge
1
k
osc
R
osc
×
C
osc
×
()
--------------------------------------------------
=


Similar Part No. - UBA2033

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2033 PHILIPS-UBA2033 Datasheet
92Kb / 20P
   HF full bridge driver IC
2002 Oct 08
UBA2033TS PHILIPS-UBA2033TS Datasheet
92Kb / 20P
   HF full bridge driver IC
2002 Oct 08
More results

Similar Description - UBA2033

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2033 PHILIPS-UBA2033 Datasheet
92Kb / 20P
   HF full bridge driver IC
2002 Oct 08
UBA2030T PHILIPS-UBA2030T Datasheet
94Kb / 20P
   Full bridge driver IC
1999 Aug 10
logo
Toshiba Semiconductor
TB6561FG TOSHIBA-TB6561FG Datasheet
220Kb / 14P
   Dual Full-Bridge Driver IC
logo
NXP Semiconductors
UBA2035 NXP-UBA2035 Datasheet
71Kb / 13P
   HF full bridge control IC for HID lighting
Rev. 01-31 October 2008
logo
Toshiba Semiconductor
TB6561NG TOSHIBA-TB6561NG Datasheet
329Kb / 14P
   Dual Full-Bridge Driver IC
TB6559FG TOSHIBA-TB6559FG Datasheet
229Kb / 19P
   Full-Bridge DC Motor Driver IC
TB6643KQ TOSHIBA-TB6643KQ Datasheet
247Kb / 15P
   Full-Bridge DC Motor Driver IC
TB67H301FTG TOSHIBA-TB67H301FTG Datasheet
1Mb / 22P
   Full-Bridge DC Motor Driver IC
TB6559FG TOSHIBA-TB6559FG_13 Datasheet
336Kb / 19P
   Full-Bridge DC Motor Driver IC
TB6568KQ TOSHIBA-TB6568KQ_14 Datasheet
382Kb / 15P
   Full-Bridge DC Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com