Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39141B5093Z510 Datasheet(PDF) 3 Page - EPCOS

Part # B39141B5093Z510
Description  SAW IF filter BWA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39141B5093Z510 Datasheet(HTML) 3 Page - EPCOS

  B39141B5093Z510 Datasheet HTML 1Page - EPCOS B39141B5093Z510 Datasheet HTML 2Page - EPCOS B39141B5093Z510 Datasheet HTML 3Page - EPCOS B39141B5093Z510 Datasheet HTML 4Page - EPCOS B39141B5093Z510 Datasheet HTML 5Page - EPCOS B39141B5093Z510 Datasheet HTML 6Page - EPCOS B39141B5093Z510 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Aug 17, 2009
B5093
140.00 MHz
SAW Components
SAW IF filter
Datasheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
–35 to 75 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
140.0
MHz
Minimum insertion attenuation
α
min
6.0
7.5
dB
(including matching network)
Passband bandwidth
α
rel <= 1 dB
B1dB
7.5
8.0
MHz
α
rel <= 3 dB
B3dB
8.4
8.8
MHz
α
rel <= 35 dB
B35dB
12.6
13.0
MHz
Amplitude ripple (p-p)
∆α
fN ± 2.6 MHz
0.35
1.0
dB
Group delay ripple (p-p)
∆τ
fN ± 2.6 MHz
87
150
ns
Absolute group delay at
fN
τ
1.07
µs
Relative attenuation (relative to
α
min)
α
rel
10.00 MHz ... 132.00 MHz
40
55
dB
148.00 MHz ... 153.00 MHz
35
40
dB
153.00 MHz ... 250.00 MHz
40
45
dB
Triple Transit Suppression
30
37
dB
Temperature coefficient of frequency
TCf
-86
ppm/K


Similar Part No. - B39141B5093Z510

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39141B5092Z510 EPCOS-B39141B5092Z510 Datasheet
67Kb / 7P
   SAW IF filter BWA
More results

Similar Description - B39141B5093Z510

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5092 EPCOS-B5092 Datasheet
67Kb / 7P
   SAW IF filter BWA
logo
Oscilent Corporation
813-SL60.0M-11 OSCILENT-813-SL60.0M-11 Datasheet
291Kb / 3P
   IF SAW Filter
813-SL70.0M-16 OSCILENT-813-SL70.0M-16 Datasheet
232Kb / 3P
   IF SAW Filter
logo
TDK Electronics
B39191B5219H810 TDK-B39191B5219H810 Datasheet
118Kb / 8P
   SAW IF filter
logo
EPCOS
B1708 EPCOS-B1708 Datasheet
104Kb / 10P
   SAW IF filter
logo
Oscilent Corporation
813-SL70.0M-20 OSCILENT-813-SL70.0M-20 Datasheet
302Kb / 2P
   IF SAW Filter
logo
EPCOS
B5105 EPCOS-B5105 Datasheet
103Kb / 8P
   SAW IF filter
B1707 EPCOS-B1707 Datasheet
104Kb / 10P
   SAW IF filter
B1709 EPCOS-B1709 Datasheet
101Kb / 10P
   SAW IF filter
X3402 EPCOS-X3402 Datasheet
251Kb / 9P
   SAW IF filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com