Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5500.2066 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 5500.2066
Description  AC Filter, Broad Band Attenuation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5500.2066 Datasheet(HTML) 2 Page - Schurter Inc.

  5500.2066 Datasheet HTML 1Page - Schurter Inc. 5500.2066 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

-Phase Line Filters
FMAB
www.schurter.com/pg06_
EMC Products
Diagrams
Standard version
1)
2)
1) Line
2) Load
Attenuation Loss
----differentialmode_____commonmode
IndustrialVersion
12 A
20 A
30 A
Variants
Rated Cur-
rent [A]
Filter-Type
Leakage Cur-
rent [mA]
L [mH]
C
(X)
C (Y)
[nF]
C3
(Y)
C4
(X)
R [M
Ω]
Clamps
[mm]
Weight
[g]
Housing Order Number
12
Industrial Version
5.2
2 x 10
2.2
10
47
1
1
4
927
24-2
5500.2064
20
Industrial Version
5.2
2 x 3.5
2.2
10
47
1
1
4
930
24-2
5500.2065
30
Industrial Version
5.6
2 x 1.5
2.2
15
47
1
1
6
970
YB2
5500.2066
Packaging unit
2Pcs
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 5500.2066

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5500.2060 SCHURTER-5500.2060 Datasheet
587Kb / 3P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
5500.2061 SCHURTER-5500.2061 Datasheet
587Kb / 3P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
5500.2062 SCHURTER-5500.2062 Datasheet
587Kb / 3P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
5500.2063 SCHURTER-5500.2063 Datasheet
587Kb / 3P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
5500.2068 SCHURTER-5500.2068 Datasheet
467Kb / 3P
   AC Filter 2-Stage, Broad Band Attenuation
More results

Similar Description - 5500.2066

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMAB SCHURTER-FMAB_V01 Datasheet
373Kb / 3P
   AC Filter, Broad Band Attenuation
FMBB SCHURTER-FMBB Datasheet
467Kb / 3P
   AC Filter 2-Stage, Broad Band Attenuation
FMBBNEO SCHURTER-FMBBNEO Datasheet
1Mb / 12P
   AC Filter 2-Stage, Broad Band Attenuation
FMW-150 SCHURTER-FMW-150_V01 Datasheet
285Kb / 3P
   AC Filter 3-Stage, Very High Broad Band Attenuation
FMW-150 SCHURTER-FMW-150 Datasheet
413Kb / 2P
   AC Filter 3-Stage, Very High Broad Band Attenuation
FMBBRAIL SCHURTER-FMBBRAIL Datasheet
454Kb / 4P
   AC Filter 2-Stage, DIN Rail Mounting, Very Broad Band Attenuation
FMABNEO SCHURTER-FMABNEO_V02 Datasheet
1Mb / 13P
   AC Filter, High Symmetrical Attenuation
23.11.2021
FMABNEO SCHURTER-FMABNEO_V01 Datasheet
1Mb / 13P
   AC Filter, High Symmetrical Attenuation
FMABNEO SCHURTER-FMABNEO Datasheet
693Kb / 6P
   AC Filter, High Symmetrical Attenuation
FMABHV SCHURTER-FMABHV Datasheet
668Kb / 6P
   AC / DC Filter, High Symmetrical Attenuation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com