Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMAC-091D-3610 Datasheet(PDF) 6 Page - Schurter Inc.

Part # FMAC-091D-3610
Description  Ultra compact and efficient 1-stage filter in ECO design for 3-phase systems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMAC-091D-3610 Datasheet(HTML) 6 Page - Schurter Inc.

  FMAC-091D-3610 Datasheet HTML 1Page - Schurter Inc. FMAC-091D-3610 Datasheet HTML 2Page - Schurter Inc. FMAC-091D-3610 Datasheet HTML 3Page - Schurter Inc. FMAC-091D-3610 Datasheet HTML 4Page - Schurter Inc. FMAC-091D-3610 Datasheet HTML 5Page - Schurter Inc. FMAC-091D-3610 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image

3-Phase Filters
FMAC ECO
www.schurter.com/pg80
EMC Products
Variants
Rated Current
@ Ta 0°C (7°C)
[A]
Characteristic
Rated Voltage [VAC]
Tripped Po-
wer Dissipa-
tion [W]
Leakage Cur-
rent [mA] )
Contact Resi-
stance [m
Ω]
Weight
[kg]
Screw clamps
[mm] )
Housing
Order Number
16
High attenuation
480
6
96
7.6
1
4
1C
FMAC-091C-1610
25
High attenuation
480
8
96
4.1
1
4
1C
FMAC-091C-2510
36
High attenuation
480
10
96
2.5
1.3
6
1D-6
FMAC-091D-3610
50
High attenuation
480
13
103
1.7
1.7
10
1D-10
FMAC-091D-5010
55
High attenuation
480
14
103
1.5
1.7
10
1D-10
FMAC-091D-5510
64
High attenuation
480
17
103
1.4
2
25
1E
FMAC-091E-6410
43/80
High attenuation
480
22
110
1.1
5.1
25
1T
FMAC-091T-8010
110
High attenuation
480
28
110
0.8
5.8
50
1G
FMAC-091G-H110
150
High attenuation
480
40
110
0.6
7
50
1G
FMAC-091G-H210
2)Maximumconductorcrosssection(wiregauge)tobeused;acomparativetableforAWGandmm²valuescanbefoundinthegeneralproductinformationwww.schurter.com/
emc_info
1)Worstcaseleakagecurrentacc.toIEC60950-AnnexG4(situationwithtwointerruptedlines).Nominalleakagecurrentacc.toIEC60950-5.2.5.canbefoundinsectiontech-
nicaldata.
Packaging unit
1Pcs
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - FMAC-091D-3610

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMAC-0A24-0813 SCHURTER-FMAC-0A24-0813 Datasheet
485Kb / 2P
   Output filter for 3-phase frequency inverter
FMAC-0A27-1613 SCHURTER-FMAC-0A27-1613 Datasheet
485Kb / 2P
   Output filter for 3-phase frequency inverter
FMAC-0A38-3213 SCHURTER-FMAC-0A38-3213 Datasheet
485Kb / 2P
   Output filter for 3-phase frequency inverter
FMAC-0A40-2513 SCHURTER-FMAC-0A40-2513 Datasheet
485Kb / 2P
   Output filter for 3-phase frequency inverter
FMAC-0S2K-0462-A SCHURTER-FMAC-0S2K-0462-A Datasheet
623Kb / 4P
   Sine wave output filter
More results

Similar Description - FMAC-091D-3610

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMACECO SCHURTER-FMACECO Datasheet
601Kb / 6P
   Ultra compact and efficient 1-stage filter in ECO design for 3-phase systems
FMBC-0994-1000 SCHURTER-FMBC-0994-1000 Datasheet
688Kb / 4P
   Ultra compact and efficient 2-stage filter in ECO design for 3-phase systems
FMAC SCHURTER-FMAC_V01 Datasheet
848Kb / 8P
   1- stage filter for 3-phase systems
FMADNEO SCHURTER-FMADNEO Datasheet
749Kb / 6P
   1-stage filter for 3-phase systems
FMW4-65 SCHURTER-FMW4-65 Datasheet
327Kb / 2P
   Compact 1-stage filter for 3-phase systems with neutral conductor
FMBCNEO SCHURTER-FMBCNEO Datasheet
763Kb / 8P
   2-stage filter for 3-phase systems
FMBC SCHURTER-FMBC Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMW4-81 SCHURTER-FMW4-81 Datasheet
441Kb / 2P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMW4-81 SCHURTER-FMW4-81_V01 Datasheet
278Kb / 3P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMAD SCHURTER-FMAD Datasheet
714Kb / 5P
   1-stage filter for 3-phase systems with neutral conductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com