Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54318 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54318
Description  2.95V To 6V Input, 3A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54318 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54318 Datasheet HTML 1Page - Texas Instruments TPS54318 Datasheet HTML 2Page - Texas Instruments TPS54318 Datasheet HTML 3Page - Texas Instruments TPS54318 Datasheet HTML 4Page - Texas Instruments TPS54318 Datasheet HTML 5Page - Texas Instruments TPS54318 Datasheet HTML 6Page - Texas Instruments TPS54318 Datasheet HTML 7Page - Texas Instruments TPS54318 Datasheet HTML 8Page - Texas Instruments TPS54318 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
PH
VIN
POWERPAD
BOOT
VSENSE
COMP
TPS54318
EN
RT /CLK
SS
PWRGD
C ss
R T
R 3
C 1
C
BOOT
C O
LO
R 1
R 2
C I
VOUT
VIN
AGND
GND
R4
R5
50
55
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
I -OutputCurrent- A
O
V =5V,
V
=1.8V,
F =1000kHz
I
O
S
TPS54318
www.ti.com ......................................................................................................................................................................................... SLVS975 – SEPTEMBER 2009
2.95V To 6V Input, 3A Output, 2MHz, Synchronous Step Down
Switcher With Integrated FETs ( SWIFT™)
Check for Samples :TPS54318
1
FEATURES
DESCRIPTION
2
Two 30 m
Ω (typical) MOSFETs for High
The TPS54318 device is a full featured 6 V, 3 A,
Efficiency at 3 A loads
synchronous step down current mode converter with
two integrated MOSFETs.
200kHz to 2MHz Switching Frequency
0.8 V ± 1% Voltage Reference Over
The TPS54318 enables small designs by integrating
the MOSFETs, implementing current mode control to
temperature
reduce external component count, reducing inductor
Synchronizes to External Clock
size by enabling up to 2 MHz switching frequency,
Adjustable Slow Start/Sequencing
and minimizing the IC footprint with a small 3mm x
UV and OV Power Good Output
3mm thermally enhanced QFN package.
Low Operating and Shutdown Quiescent
The TPS54318 provides accurate regulation for a
Current
variety of loads with an accurate ±1% Voltage
Reference (Vref) over temperature.
Safe Start-up into Pre-Biased Output
Cycle by Cycle Current Limit, Thermal and
Efficiency is maximized through the integrated 30m
Frequency Fold Back Protection
MOSFETs and 350
μA typical supply current. Using
the enable pin, shutdown supply current is reduced to
–40°C to 150°C Operating Junction
2
μA by entering a shutdown mode.
Temperature Range
Undervoltage lockout is internally set at 2.6 V, but
Thermally Enhanced 3mm × 3mm 16-pin QFN
can be increased by programming the threshold with
a resistor network on the enable pin. The output
APPLICATIONS
voltage startup ramp is controlled by the slow start
Low-Voltage, High-Density Power Systems
pin. An open drain power good signal indicates the
Point of Load Regulation for High Performance
output is within 93% to 107% of its nominal voltage.
DSPs, FPGAs, ASICs and Microprocessors
Frequency fold back and thermal shutdown protects
Broadband, Networking and Optical
the device during an overcurrent condition.
Communications Infrastructure
The TPS54318 is supported in the SwitcherProTM
SIMPLIFIED SCHEMATIC
Software Tool at www.ti.com/switcherpro.
For more SWIFTTM documentation, see the TI
website at www.ti.com/swift.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SWIFT is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54318 TI-TPS54318 Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input 3A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
TPS54318RTER TI-TPS54318RTER Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input 3A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
TPS54318RTET TI-TPS54318RTET Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input 3A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
TPS54318 TI-TPS54318_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54318 2.95-V to 6-V Input, 3-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
More results

Similar Description - TPS54318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54318 TI-TPS54318 Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input 3A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
logo
Richtek Technology Corp...
RT8079 RICHTEK-RT8079 Datasheet
199Kb / 13P
   2.95V to 6V Input, 3A Output, 2MHz, Synchronous Step-Down Converter
logo
Texas Instruments
TPS5432 TI1-TPS5432 Datasheet
1Mb / 28P
[Old version datasheet]   2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
TPS5432 TI-TPS5432_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
TPS54418_101 TI-TPS54418_101 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418_10 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs (SWIFT??
TPS54218 TI-TPS54218 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input 2 A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
TPS54395 TI1-TPS54395 Datasheet
1,014Kb / 23P
[Old version datasheet]   3A Dual Channel Synchronous Step-Down Switcher with Integrated FET ( SWIFT??
logo
Monolithic Power System...
MP8843 MPS-MP8843 Datasheet
609Kb / 22P
   6V, 3A, Synchronous, Step-Down Switcher with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com