Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM16Z2BCPV16 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MCM16Z2BCPV16
Description  M68HC16Z Series
Download  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCM16Z2BCPV16 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MCM16Z2BCPV16 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCM16Z2BCPV16 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCM16Z2BCPV16 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCM16Z2BCPV16 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCM16Z2BCPV16 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCM16Z2BCPV16 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCM16Z2BCPV16 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCM16Z2BCPV16 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCM16Z2BCPV16 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 500 page
background image
M68HC16 Z SERIES
USER’S MANUAL
(Continued)
Paragraph
Title
Page
TABLE OF CONTENTS
4.14.4
Background Debug Mode ................................................................4-42
4.14.4.1
Enabling BDM .........................................................................4-42
4.14.4.2
BDM Sources ..........................................................................4-42
4.14.4.3
Entering BDM ..........................................................................4-42
4.14.4.4
BDM Commands .....................................................................4-43
4.14.4.5
Returning from BDM ...............................................................4-43
4.14.4.6
BDM Serial Interface ...............................................................4-44
4.15
Recommended BDM Connection ............................................................4-45
4.16
Digital Signal Processing .........................................................................4-45
SECTION 5
SYSTEM INTEGRATION MODULE
5.1
General ......................................................................................................5-1
5.2
System Configuration ................................................................................5-2
5.2.1
Module Mapping ................................................................................5-2
5.2.2
Interrupt Arbitration ............................................................................5-3
5.2.3
Show Internal Cycles .........................................................................5-3
5.2.4
Register Access ................................................................................5-3
5.2.5
Freeze Operation ..............................................................................5-3
5.3
System Clock ............................................................................................5-4
5.3.1
Clock Sources ...................................................................................5-5
5.3.2
Clock Synthesizer Operation .............................................................5-6
5.3.3
External Bus Clock ..........................................................................5-21
5.3.4
Low-Power Operation ......................................................................5-21
5.4
System Protection ...................................................................................5-24
5.4.1
Reset Status ....................................................................................5-24
5.4.2
Bus Monitor .....................................................................................5-24
5.4.3
Halt Monitor .....................................................................................5-25
5.4.4
Spurious Interrupt Monitor ...............................................................5-25
5.4.5
Software Watchdog .........................................................................5-25
5.4.6
Periodic Interrupt Timer ...................................................................5-27
5.4.7
Interrupt Priority and Vectoring ........................................................5-28
5.4.8
Low-Power STOP Operation ...........................................................5-29
5.5
External Bus Interface .............................................................................5-29
5.5.1
Bus Control Signals .........................................................................5-31
5.5.1.1
Address Bus ............................................................................5-31
5.5.1.2
Address Strobe .......................................................................5-31
5.5.1.3
Data Bus .................................................................................5-31
5.5.1.4
Data Strobe .............................................................................5-31
5.5.1.5
Read/Write Signal ...................................................................5-32
5.5.1.6
Size Signals ............................................................................5-32
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM16Z2BCPV16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCM16Z2BCPV16 FREESCALE-MCM16Z2BCPV16 Datasheet
5Mb / 500P
   Symbols and Operators, CPU16 Register Mnemonics
MCM16Z2BCPV16B1 FREESCALE-MCM16Z2BCPV16B1 Datasheet
5Mb / 500P
   Symbols and Operators, CPU16 Register Mnemonics
More results

Similar Description - MCM16Z2BCPV16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC16Z1CEH25 FREESCALE-MC68HC16Z1CEH25 Datasheet
5Mb / 500P
   M68HC16Z Series
M68HC16Z FREESCALE-M68HC16Z Datasheet
5Mb / 500P
   M68HC16Z Series
MC68HC16ZUM FREESCALE-MC68HC16ZUM Datasheet
5Mb / 500P
   M68HC16Z Series users manual
MC68HC16Z1CAG16 FREESCALE-MC68HC16Z1CAG16 Datasheet
5Mb / 500P
   M68HC16Z Series users manual
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com