Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM16Z2BCPV25 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MCM16Z2BCPV25
Description  M68HC16Z Series
Download  500 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCM16Z2BCPV25 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCM16Z2BCPV25 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCM16Z2BCPV25 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCM16Z2BCPV25 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCM16Z2BCPV25 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCM16Z2BCPV25 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCM16Z2BCPV25 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCM16Z2BCPV25 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCM16Z2BCPV25 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCM16Z2BCPV25 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 500 page
background image
M68HC16 Z SERIES
USER’S MANUAL
(Continued)
Paragraph
Title
Page
TABLE OF CONTENTS
SECTION 10
MULTICHANNEL COMMUNICATION INTERFACE
10.1
General ....................................................................................................10-1
10.2
MCCI Registers and Address Map ..........................................................10-2
10.2.1
MCCI Global Registers ....................................................................10-2
10.2.1.1
Low-Power Stop Mode ............................................................10-2
10.2.1.2
Privilege Levels .......................................................................10-3
10.2.1.3
MCCI Interrupts .......................................................................10-3
10.2.2
Pin Control and General-Purpose I/O .............................................10-4
10.3
Serial Peripheral Interface (SPI) ..............................................................10-4
10.3.1
SPI Registers ..................................................................................10-6
10.3.1.1
SPI Control Register (SPCR) ..................................................10-6
10.3.1.2
SPI Status Register (SPSR) ....................................................10-6
10.3.1.3
SPI Data Register (SPDR) ......................................................10-6
10.3.2
SPI Pins ...........................................................................................10-6
10.3.3
SPI Operating Modes ......................................................................10-7
10.3.3.1
Master Mode ...........................................................................10-7
10.3.3.2
Slave Mode .............................................................................10-8
10.3.4
SPI Clock Phase and Polarity Controls ...........................................10-8
10.3.4.1
CPHA = 0 Transfer Format .....................................................10-9
10.3.4.2
CPHA = 1 Transfer Format ...................................................10-10
10.3.5
SPI Serial Clock Baud Rate ..........................................................10-11
10.3.6
Wired-OR Open-Drain Outputs .....................................................10-11
10.3.7
Transfer Size and Direction ...........................................................10-11
10.3.8
Write Collision ...............................................................................10-12
10.3.9
Mode Fault ....................................................................................10-12
10.4
Serial Communication Interface (SCI) ...................................................10-13
10.4.1
SCI Registers ................................................................................10-13
10.4.1.1
SCI Control Registers ...........................................................10-13
10.4.1.2
SCI Status Register ...............................................................10-16
10.4.1.3
SCI Data Register .................................................................10-16
10.4.2
SCI Pins ........................................................................................10-16
10.4.3
Receive Data Pins (RXDA, RXDB) ...............................................10-17
10.4.4
Transmit Data Pins (TXDA, TXDB) ...............................................10-17
10.4.5
SCI Operation ................................................................................10-17
10.4.5.1
Definition of Terms ................................................................10-17
10.4.5.2
Serial Formats .......................................................................10-18
10.4.5.3
Baud Clock ............................................................................10-18
10.4.5.4
Parity Checking .....................................................................10-19
10.4.5.5
Transmitter Operation ...........................................................10-19
10.4.5.6
Receiver Operation ...............................................................10-20
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MCM16Z2BCPV25

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCM16Z2BCPV25 FREESCALE-MCM16Z2BCPV25 Datasheet
5Mb / 500P
   Symbols and Operators, CPU16 Register Mnemonics
MCM16Z2BCPV25B1 FREESCALE-MCM16Z2BCPV25B1 Datasheet
5Mb / 500P
   Symbols and Operators, CPU16 Register Mnemonics
More results

Similar Description - MCM16Z2BCPV25

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC16Z1CEH25 FREESCALE-MC68HC16Z1CEH25 Datasheet
5Mb / 500P
   M68HC16Z Series
M68HC16Z FREESCALE-M68HC16Z Datasheet
5Mb / 500P
   M68HC16Z Series
MC68HC16ZUM FREESCALE-MC68HC16ZUM Datasheet
5Mb / 500P
   M68HC16Z Series users manual
MC68HC16Z1CAG16 FREESCALE-MC68HC16Z1CAG16 Datasheet
5Mb / 500P
   M68HC16Z Series users manual
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com