Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61031RSAR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61031RSAR
Description  96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61031RSAR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61031RSAR Datasheet HTML 6Page - Texas Instruments TPS61031RSAR Datasheet HTML 7Page - Texas Instruments TPS61031RSAR Datasheet HTML 8Page - Texas Instruments TPS61031RSAR Datasheet HTML 9Page - Texas Instruments TPS61031RSAR Datasheet HTML 10Page - Texas Instruments TPS61031RSAR Datasheet HTML 11Page - Texas Instruments TPS61031RSAR Datasheet HTML 12Page - Texas Instruments TPS61031RSAR Datasheet HTML 13Page - Texas Instruments TPS61031RSAR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
www.ti.com
Output Voltage
50 mV/Div, AC
Output Current
500 mA/Div, DC
Timebase - 2 ms/Div
VI = 2.5 V,
IL = 80 mA to 800 mA
Output Voltage
20 mV/Div, AC
Input Voltage
500 mV/Div, DC
Timebase - 2 ms/Div
VI = 2.2 V to 2.7 V,
RL = 50 W
Output Voltage
2 V/Div, DC
Input Current
500 mA/Div, DC
Enable
5 V/Div, DC
Voltage at SW
2 V/Div, DC
Timebase - 400
µs/Div
VI = 2.4 V,
RL = 20 W
TPS61030
TPS61031, TPS61032
SLUS534D – SEPTEMBER 2002 – REVISED APRIL 2004
TYPICAL CHARACTERISTICS (continued)
TPS61032
TPS61032
LOAD TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 15.
Figure 16.
TPS61032
DC/DC CONVERTER START-UP AFTER ENABLE
Figure 17.
10


Similar Part No. - TPS61031RSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61031RSAR TI1-TPS61031RSAR Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
More results

Similar Description - TPS61031RSAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
TPS61020 TI-TPS61020_07 Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61020 TI-TPS61020_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converter
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61029-Q1 TI-TPS61029-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converters
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com