Electronic Components Datasheet Search |
|
TC74VHCV14FK Datasheet(PDF) 5 Page - Toshiba Semiconductor |
|
TC74VHCV14FK Datasheet(HTML) 5 Page - Toshiba Semiconductor |
5 / 8 page TC74VHCV14FT/FK 2010-07-09 5 AC Characteristics (input: tr = tf = 3 ns) Test Condition Ta = 25°C Ta = −40 to 85°C Characteristics Symbol VCC (V) CL (pF) Min Typ. Max Min Max Unit 15 ― 9.8 19.7 1.0 22.0 2.5 ± 0.2 50 ― 12.8 24.0 1.0 27.0 15 ― 7.0 12.8 1.0 15.0 3.3 ± 0.3 50 ― 9.2 16.3 1.0 18.5 15 ― 5.0 8.6 1.0 10.0 Propagation delay time tpLH tpHL ― 5.0 ± 0.5 50 ― 6.7 10.6 1.0 12.0 ns Input capacitance CIN ― ― 4 10 ― 10 pF Power dissipation capacitance CPD (Note) ― 23 ― ― ― pF Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr) = CPD·VCC·fIN + ICC/6 (per gate) Noise Characteristics (input: tr = tf = 3 ns) Test Condition Ta = 25°C Characteristics Symbol VCC (V) Typ. Limit Unit Quiet output maximum dynamic VOL VOLP CL = 50 pF 3.3 5.0 0.3 0.7 ― ― V Quiet output minimum dynamic VOL VOLV CL = 50 pF 3.3 5.0 −0.1 −0.2 ― ― V Minimum high level dynamic input voltage VIHD CL = 50 pF 5.0 ― 3.5 V Maximum low level dynamic input voltage VILD CL = 50 pF 5.0 ― 1.5 V |
Similar Part No. - TC74VHCV14FK |
|
Similar Description - TC74VHCV14FK |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |