Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHCV245FT Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74VHCV245FT
Description  Octal Schmitt Bus Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCV245FT Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74VHCV245FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCV245FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCV245FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCV245FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCV245FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCV245FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCV245FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCV245FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VHCV245FT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TC74VHCV245FT/FK
2010-07-09
3
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
−0.5 to 7.0
V
DC iInput voltage (DIR, G)
VIN
−0.5 to 7.0
V
0.5 to 7.0
(Note 2)
DC bus I/O voltage
VI/O
-0.5 to VCC + 0.5
(Note 3)
V
Input diode current
IIK
−50
mA
Output diode current
IOK
±50
(Note 4)
mA
DC output current
IOUT
±50
mA
Power dissipation
PD
180
mW
DC VCC/ground current
ICC/IGND
±100
mA
Storage temperature
Tstg
−65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: off-state
Note 3: High or low state. IOUT absolute maximum rating must be observed.
Note 4: VOUT < GND, VOUT > VCC
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
1.8 to 5.5
V
iInput voltage (DIR, G )
VIN
0 to 5.5
V
0 to 5.5
(Note 2)
Bus I/O voltage
VI/O
0 to VCC
(Note 3)
V
Operating temperature
Topr
40 to 85
°C
Input rise and fall time
dt/dv
0 to 20(Vcc=3.3
± 0.3V)
0 to 1(Vcc=5
± 0.5V)
ms/V
Note 1: The operating ranges are required to ensure the normal operation of the device. Unused inputs and bus
inputs must be tied to either VCC or GND. Please connect both bus inputs and the bus outputs with VCC or
GND when the I/O of the bus terminal changes by the function. In this case, please note that the output is not
short-circuited.
Note 2: off-state
Note 3: High or low state


Similar Part No. - TC74VHCV245FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCV240FK TOSHIBA-TC74VHCV240FK Datasheet
199Kb / 9P
   Octal Schmitt Bus Buffer
TC74VHCV240FT TOSHIBA-TC74VHCV240FT Datasheet
199Kb / 9P
   Octal Schmitt Bus Buffer
TC74VHCV244FK TOSHIBA-TC74VHCV244FK Datasheet
199Kb / 9P
   Octal Schmitt Bus Buffer
TC74VHCV244FT TOSHIBA-TC74VHCV244FT Datasheet
199Kb / 9P
   Octal Schmitt Bus Buffer
More results

Similar Description - TC74VHCV245FT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC7245 PHILIPS-74HC7245 Datasheet
42Kb / 7P
   Octal bus Schmitt-trigger transceiver; 3-state
December 1990
logo
Aeroflex Circuit Techno...
UT54ACS245S AEROFLEX-UT54ACS245S Datasheet
245Kb / 10P
   Schmitt Octal Bus Transceiver with Three-State Outputs
logo
Toshiba Semiconductor
TC74VHCV240FK TOSHIBA-TC74VHCV240FK Datasheet
199Kb / 9P
   Octal Schmitt Bus Buffer
TC74VHCV540FK TOSHIBA-TC74VHCV540FK Datasheet
201Kb / 9P
   Octal Schmitt Bus Buffer
TC74HC245AP TOSHIBA-TC74HC245AP_07 Datasheet
273Kb / 8P
   Octal Bus Transceiver
TC74VHC245F TOSHIBA-TC74VHC245F_12 Datasheet
211Kb / 9P
   Octal Bus Transceiver
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A Datasheet
163Kb / 6P
   Octal Bus Transceiver
1997 REV 0
logo
Siemens Semiconductor G...
SAB8286A SIEMENS-SAB8286A Datasheet
110Kb / 6P
   OCTAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74VHCT245A ONSEMI-MC74VHCT245A_14 Datasheet
100Kb / 7P
   Octal Bus Transceiver
October, 2014 ??Rev. 7
logo
Toshiba Semiconductor
TC74VHC245F TOSHIBA-TC74VHC245F_V01 Datasheet
316Kb / 6P
   OCTAL BUS TRANSCEIVER
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com