Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5107 Datasheet(PDF) 3 Page - EPCOS

Part # B5107
Description  SAW RF filter Basestation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5107 Datasheet(HTML) 3 Page - EPCOS

  B5107 Datasheet HTML 1Page - EPCOS B5107 Datasheet HTML 2Page - EPCOS B5107 Datasheet HTML 3Page - EPCOS B5107 Datasheet HTML 4Page - EPCOS B5107 Datasheet HTML 5Page - EPCOS B5107 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
February 25, 2010
B5107
707.0 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
–40 to 85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
707.0
MHz
Maximum insertion attenuation
fN ± 9.0 MHz
α
max
1.6
2.5
dB
Amplitude ripple (p-p)
∆α
fN ± 9.0 MHz
0.7
1.5
dB
Return loss
fN ± 9.0 MHz
9
11
dB
Group delay ripple (p-p)
∆τ
fN ± 9.0 MHz1)
1) over any 1.25 MHz continous bandwidth
—8
40
ns
Absolute attenuation
α
100.0 MHz
...
687.0 MHz
25
33
dB
728.0 MHz
...
978.0 MHz
30
38
dB
978.0 MHz
...
996.0 MHz
35
39
dB
996.0 MHz
... 2700.0 MHz
25
34
dB
Temperature coefficient of frequency
TCf
– 36
ppm/K
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
1001)
1) acc. to JESD22-A115A (machine model), 10 negative & 10 positive pulses.
V
machine model, 10 pulses
Input power
PIN
10
dBm


Similar Part No. - B5107

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
B5100 CTC-B5100 Datasheet
59Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
B5100 CTC-B5100 Datasheet
95Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
B5100B CTC-B5100B Datasheet
66Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
B5100C DIODES-B5100C Datasheet
406Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Sept-2021 REV.-8
logo
EPCOS
B5104 EPCOS-B5104 Datasheet
109Kb / 8P
   GSM 1900
More results

Similar Description - B5107

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5113 EPCOS-B5113 Datasheet
59Kb / 6P
   SAW RF filter Basestation
B5124 EPCOS-B5124 Datasheet
67Kb / 7P
   SAW RF filter Basestation
B5117 EPCOS-B5117 Datasheet
46Kb / 6P
   SAW RF filter Basestation
logo
TriQuint Semiconductor
855049 TRIQUINT-855049_15 Datasheet
69Kb / 1P
   160 MHz CDMA SAW Filter for Basestation Transmitter Applications
logo
TDK Electronics
B39871B3440U410 TDK-B39871B3440U410 Datasheet
139Kb / 8P
   SAW RF filter
logo
Raltron Electronics Cor...
RSF-110.592-560-7050-TR RALTRON-RSF-110.592-560-7050-TR Datasheet
293Kb / 3P
   RF SAW FILTER
RSF-110.592-280-7050-TR RALTRON-RSF-110.592-280-7050-TR Datasheet
220Kb / 3P
   RF SAW FILTER
logo
TDK Electronics
B39921B4301F210 TDK-B39921B4301F210 Datasheet
84Kb / 6P
   SAW RF filter
logo
EPCOS
B3712 EPCOS-B3712_11 Datasheet
51Kb / 6P
   SAW RF filter
logo
Raltron Electronics Cor...
RSF-164.175-122-7050-TR RALTRON-RSF-164.175-122-7050-TR Datasheet
302Kb / 3P
   RF SAW FILTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com