Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS10SPU Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TCS10SPU
Description  Digital-Output Magnetic Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCS10SPU Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TCS10SPU Datasheet HTML 1Page - Toshiba Semiconductor TCS10SPU Datasheet HTML 2Page - Toshiba Semiconductor TCS10SPU Datasheet HTML 3Page - Toshiba Semiconductor TCS10SPU Datasheet HTML 4Page - Toshiba Semiconductor TCS10SPU Datasheet HTML 5Page - Toshiba Semiconductor TCS10SPU Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TCS10SPU
2008-09-08
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply Voltage
VCC
−0.5 to 6.0
V
Output Voltage
VOUT
−0.5 to 6.0
V
Output Diode Current
IOK
±10
mA
Output Current
IOUT
±5
mA
Vcc/GND Current
ICC
±10
mA
Power Dissipation
PD
200
mW
Storage Temperature Range
Tstg
−65 to150
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Range
Characteristics
Symbol
Rating
Unit
Supply Voltage
VCC
2.3 to 3.6
V
Output Voltage
VOUT
0 to VCC
V
Output Current
IOH / IOL
±1.0
mA
Operating Temperature
Topr
−40 to 85
°C


Similar Part No. - TCS10SPU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCS10SPU TOSHIBA-TCS10SPU_14 Datasheet
173Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TCS10SPU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCS10NLU TOSHIBA-TCS10NLU Datasheet
144Kb / 6P
   Digital Output Magnetic Sensor
TCS10NPU TOSHIBA-TCS10NPU Datasheet
148Kb / 6P
   Digital-Output Magnetic Sensor
TCS11DLU TOSHIBA-TCS11DLU Datasheet
150Kb / 6P
   Digital Output Magnetic Sensor
TCS10DLU TOSHIBA-TCS10DLU Datasheet
114Kb / 6P
   Digital-Output Magnetic Sensor
TCS10DPU TOSHIBA-TCS10DPU Datasheet
93Kb / 6P
   Digital Output Magnetic Sensor
TCS11NLU TOSHIBA-TCS11NLU Datasheet
108Kb / 6P
   Digital Output Magnetic Sensor
TCS20DPR TOSHIBA-TCS20DPR Datasheet
209Kb / 7P
   Digital Output Magnetic Sensor
TCS10SLU TOSHIBA-TCS10SLU Datasheet
177Kb / 6P
   Digital Output Magnetic Sensor
TCS11SLU TOSHIBA-TCS11SLU Datasheet
108Kb / 6P
   Digital Output Magnetic Sensor
TCS20DLR TOSHIBA-TCS20DLR Datasheet
204Kb / 7P
   Digital Output Magnetic Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com