Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK80F08K3 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TK80F08K3
Description  Swiching Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TK80F08K3 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TK80F08K3 Datasheet HTML 1Page - Toshiba Semiconductor TK80F08K3 Datasheet HTML 2Page - Toshiba Semiconductor TK80F08K3 Datasheet HTML 3Page - Toshiba Semiconductor TK80F08K3 Datasheet HTML 4Page - Toshiba Semiconductor TK80F08K3 Datasheet HTML 5Page - Toshiba Semiconductor TK80F08K3 Datasheet HTML 6Page - Toshiba Semiconductor TK80F08K3 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TK80F08K3
2010-02-02
4
VGS = 10 V
1
10
1000
1
100
100
10
8
12
16
20
0
0.4
0.6
0.8
1
0.2
04
ID = 80 A
20
40
4
8
0
80
160
200
40
0
2
10
6
Tc
= −55°C
100
25
120
46
8
10
0
100
200
250
300
50
02
VGS = 4 V
4.2
4.4
4.6
5
8
10
5.2
0
10
20
30
40
50
0.4
0.6
0.8
1.0
0
0.2
4.8
5.5
6
VGS = 4 V
4.2
4.4
4.6
5
8
10
5.2
4.8
5.5
6
150
Gate-source voltage VGS
(V)
VDS – VGS
Common source
Tc
= 25℃
Pulse test
Drain current ID (A)
RDS (ON) – ID
Common source
Tc
= 25℃
Pulse test
Drain-source voltage VDS (V)
ID – VDS
Common source
Tc
= 25℃
Pulse test
Drain-source voltage VDS (V)
ID – VDS
Common source
Tc
= 25℃
Pulse test
Gate-source voltage VGS
(V)
ID – VGS
Common source
VDS = 10 V
Pulse test


Similar Part No. - TK80F08K3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK80F08K3 TOSHIBA-TK80F08K3 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TK80F08K3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK13H90A1 TOSHIBA-TK13H90A1 Datasheet
238Kb / 6P
   Swiching Regulator Applications
TJ20A10M3 TOSHIBA-TJ20A10M3 Datasheet
303Kb / 6P
   Swiching Regulator Applications
2SK4207 TOSHIBA-2SK4207 Datasheet
215Kb / 6P
   Swiching Regulator Applications
logo
KODENSHI_AUK CORP.
SMK0260IS-1 KODENSHI-SMK0260IS-1 Datasheet
468Kb / 8P
   SWICHING REGULATOR APPLICATION
logo
Inchange Semiconductor ...
1SS355 ISC-1SS355 Datasheet
265Kb / 2P
   Swiching Diode
2023-9-7
logo
Toshiba Semiconductor
TK40F08K3 TOSHIBA-TK40F08K3 Datasheet
221Kb / 7P
   Swiching Regulator, DC-DC Converter Applications Motor Drive Applications
TK150F04K3 TOSHIBA-TK150F04K3 Datasheet
219Kb / 7P
   Swiching Regulator, DC-DC Converter Applications Motor Drive Applications
TK130F06K3 TOSHIBA-TK130F06K3 Datasheet
218Kb / 7P
   Swiching Regulator,DC-DC Converter Applications Motor Drive Applications
logo
Guangdong Kexin Industr...
BAS140WS KEXIN-BAS140WS Datasheet
34Kb / 1P
   SILICON SWICHING DIODE
logo
Toshiba Semiconductor
TK100F04K3 TOSHIBA-TK100F04K3 Datasheet
218Kb / 7P
   Swiching Regulator,DC-DC Converter Applications Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com