Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK80F08K3 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TK80F08K3
Description  Swiching Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TK80F08K3 Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TK80F08K3 Datasheet HTML 1Page - Toshiba Semiconductor TK80F08K3 Datasheet HTML 2Page - Toshiba Semiconductor TK80F08K3 Datasheet HTML 3Page - Toshiba Semiconductor TK80F08K3 Datasheet HTML 4Page - Toshiba Semiconductor TK80F08K3 Datasheet HTML 5Page - Toshiba Semiconductor TK80F08K3 Datasheet HTML 6Page - Toshiba Semiconductor TK80F08K3 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TK80F08K3
2010-02-02
6
100
μs *
1 ms *
1000
0.1
10
0.1
1
100
0.01
100
10
VDSS max
1
1000
10μ
100μ
1m
10m
100m
1
10
0.1
1
10
Duty=0.5
0.2
0.1
0.05
0.02
0.01
PDM
Duty
= t/T
Rth (ch-c) = 0.5°C/W
T
t
0.01
rth − tw
Pulse width tw (s)
Single Pulse
EAS – Tch
Channel temperature (initial) Tch (°C)
RG = 1 Ω
VDD = 25 V, L = 58 μH
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS
Test circuit
Waveform
IAR
BVDSS
VDD
VDS
0 V
20 V
Safe operating area
Drain-source voltage VDS (V)
ID max (continuous)
ID max (pulsed) *
DC operation
Tc
= 25°C
*: Single nonrepetitive pulse
Tc
= 25°C
Curves must be derated
linearly with increase in
temperature.
E
400
300
200
100
0
25
50
75
100
125
150
500
175
200


Similar Part No. - TK80F08K3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK80F08K3 TOSHIBA-TK80F08K3 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TK80F08K3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK13H90A1 TOSHIBA-TK13H90A1 Datasheet
238Kb / 6P
   Swiching Regulator Applications
TJ20A10M3 TOSHIBA-TJ20A10M3 Datasheet
303Kb / 6P
   Swiching Regulator Applications
2SK4207 TOSHIBA-2SK4207 Datasheet
215Kb / 6P
   Swiching Regulator Applications
logo
KODENSHI_AUK CORP.
SMK0260IS-1 KODENSHI-SMK0260IS-1 Datasheet
468Kb / 8P
   SWICHING REGULATOR APPLICATION
logo
Inchange Semiconductor ...
1SS355 ISC-1SS355 Datasheet
265Kb / 2P
   Swiching Diode
2023-9-7
logo
Toshiba Semiconductor
TK40F08K3 TOSHIBA-TK40F08K3 Datasheet
221Kb / 7P
   Swiching Regulator, DC-DC Converter Applications Motor Drive Applications
TK150F04K3 TOSHIBA-TK150F04K3 Datasheet
219Kb / 7P
   Swiching Regulator, DC-DC Converter Applications Motor Drive Applications
TK130F06K3 TOSHIBA-TK130F06K3 Datasheet
218Kb / 7P
   Swiching Regulator,DC-DC Converter Applications Motor Drive Applications
logo
Guangdong Kexin Industr...
BAS140WS KEXIN-BAS140WS Datasheet
34Kb / 1P
   SILICON SWICHING DIODE
logo
Toshiba Semiconductor
TK100F04K3 TOSHIBA-TK100F04K3 Datasheet
218Kb / 7P
   Swiching Regulator,DC-DC Converter Applications Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com