Electronic Components Datasheet Search |
|
TLRM1108 Datasheet(PDF) 11 Page - Toshiba Semiconductor |
|
TLRM1108 Datasheet(HTML) 11 Page - Toshiba Semiconductor |
11 / 15 page TL(RM,RMM,SM,OM,YM)1108(T11) 2010-01-29 11 Cleaning When cleaning is required after soldering, Toshiba recommends the following cleaning solvents. It is confirmed that these solvents have no effect on semiconductor devices in our dipping test (under the recommended conditions). In selecting the one for your actual usage, please perform sufficient review on washing condition, using condition and etc. ASAHI CLEAN AK-225AES: (made by ASAHI GLASS) KAO CLEAN THROUGH 750HS: (made by KAO) PINE ALPHA ST-100S: (made by ARAKAWA CHEMICAL) Precautions when Mounting Do not apply force to the plastic part of the LED under high-temperature conditions. To avoid damaging the LED plastic, do not apply friction using a hard material. When installing the PCB in a product, ensure that the device does not come into contact with other cmponents. Tape Specifications 1. Product number format The type of package used for shipment is denoted by a symbol suffix after the product number. The method of classification is as below. (this method, however does not apply to products whose electrical characteristics differ from standard Toshiba specifications) (1) Tape Type: T11 (4-mm pitch) (2) Example 2. Handling precautions Tape material protected against static electricity. However, static electricity may occur depending on quantity of charged static electricity and a device may attach to a tape, or a device may be unstable when peeling a tape cover. (a)In process, taping materials may sustain an electrostatic charge, use an ionizer to neutralize the ions. (b)For transport and temporary storage of devices, use containers(boxes, jigs, and bags) that are made of anti-static materials or of materials that dissipate electrostatic electricity. TLSM1108 (T11) Tape type Toshiba product No. |
Similar Part No. - TLRM1108 |
|
Similar Description - TLRM1108 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |