Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5500.2069 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 5500.2069
Description  AC Filter 2-Stage, Broad Band Attenuation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5500.2069 Datasheet(HTML) 3 Page - Schurter Inc.

  5500.2069 Datasheet HTML 1Page - Schurter Inc. 5500.2069 Datasheet HTML 2Page - Schurter Inc. 5500.2069 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

-Phase Line Filters
FMBB
www.schurter.com/pg06_
EMC Products
IndustrialVersion
12 A
16 A
25 A
Variants
Rated Current
[A]
Filter-Type
Leakage Cur-
rent [mA]
L [mH]
C
(X)
[
μF]
C
(X)
[µF]
C
(X)
[µF]
C4
(Y)
[nF]
C5
(Y)
[nF]
R, R
[M
Ω]
Dia-
gram
Clamps
[mm]
Weight
[g]
Housing Order
Number
8
Standard Version
0.25
2 x 7
0.1
0.15
0.47
2.2
-
1
S1
4
410
16-2
5500.2068
12
Industrial Version
3.5
2 x 5
2.2
2.2
2.2
33
2.2
0.5
S2
4
1000
24-2
5500.2069
16
Industrial Version
3.5
2 x 3.5
2.2
2.2
2.2
33
2.2
0.5
S2
4
2400
31-2
5500.2070
25
Industrial Version
3.5
2 x 3.5
2.2
2.2
2.2
33
2.2
0.5
S2
6
2500
31-6
5500.2071
Packaging unit
5Pcs
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 5500.2069

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5500.2060 SCHURTER-5500.2060 Datasheet
587Kb / 3P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
5500.2061 SCHURTER-5500.2061 Datasheet
587Kb / 3P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
5500.2062 SCHURTER-5500.2062 Datasheet
587Kb / 3P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
5500.2063 SCHURTER-5500.2063 Datasheet
587Kb / 3P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
5500.2064 SCHURTER-5500.2064 Datasheet
410Kb / 2P
   AC Filter, Broad Band Attenuation
More results

Similar Description - 5500.2069

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMBBNEO SCHURTER-FMBBNEO Datasheet
1Mb / 12P
   AC Filter 2-Stage, Broad Band Attenuation
FMAB SCHURTER-FMAB_V01 Datasheet
373Kb / 3P
   AC Filter, Broad Band Attenuation
FMAB SCHURTER-FMAB Datasheet
410Kb / 2P
   AC Filter, Broad Band Attenuation
FMW-150 SCHURTER-FMW-150_V01 Datasheet
285Kb / 3P
   AC Filter 3-Stage, Very High Broad Band Attenuation
FMBBRAIL SCHURTER-FMBBRAIL Datasheet
454Kb / 4P
   AC Filter 2-Stage, DIN Rail Mounting, Very Broad Band Attenuation
FMW-150 SCHURTER-FMW-150 Datasheet
413Kb / 2P
   AC Filter 3-Stage, Very High Broad Band Attenuation
FSS SCHURTER-FSS Datasheet
532Kb / 3P
   AC Filter 2-Stage, Very High Symmetrical Attenuation
FSW SCHURTER-FSW_V01 Datasheet
495Kb / 5P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FSW SCHURTER-FSW Datasheet
587Kb / 3P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FSW SCHURTER-FSW_17 Datasheet
396Kb / 4P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com