Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP2405 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP2405
Description  Photocouplers GaA?밃s Infrared LED & Photo IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2405 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP2405 Datasheet HTML 1Page - Toshiba Semiconductor TLP2405 Datasheet HTML 2Page - Toshiba Semiconductor TLP2405 Datasheet HTML 3Page - Toshiba Semiconductor TLP2405 Datasheet HTML 4Page - Toshiba Semiconductor TLP2405 Datasheet HTML 5Page - Toshiba Semiconductor TLP2405 Datasheet HTML 6Page - Toshiba Semiconductor TLP2405 Datasheet HTML 7Page - Toshiba Semiconductor TLP2405 Datasheet HTML 8Page - Toshiba Semiconductor TLP2405 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TLP2405
4
9.
9.
9.
9. Electrical Characteristics (Note)
Electrical Characteristics (Note)
Electrical Characteristics (Note)
Electrical Characteristics (Note)
Unless otherwise specified, Ta = -40 to 100, VCC = 4.5 to 20 V
Characteristics
Input forward voltage
Input temperature coefficient
of forward voltage
Input reverse current
Input capacitance
Low-level output voltage
High-level output voltage
Low-level supply current
High-level supply current
Low-level short-circuit output
current
High-level short-circuit output
current
Threshold input current, low
to high
Threshold input voltage, high
to low
Input current hysteresis
Symbol
VF
∆VF/∆Ta
IR
CT
VOL
VOH
ICCL
ICCH
IOSL
IOSH
IFLH
VFHL
IHYS
Note
(Note 2)
(Note 1)
(Note 1)
Test
Circuit
Fig.
12.1.1
Fig.
12.1.2
Fig.
12.1.3
Fig.
12.1.4
Fig.
12.1.5
Fig.
12.1.6
Test Condition
IF = 10 mA, Ta = 25
IF = 10 mA
VR = 5 V, Ta = 25
V = 0 V, f = 1 MHz
IO = 3.5 mA, VF = 0.8 V
VCC = 4.5 V, IO = -2.6 mA,
IF = 5 mA
VCC = 20 V, IO = -2.6 mA,
IF = 5 mA
VCC = 5.5 V, VF = 0 V
VCC = 20 V, VF = 0 V
VCC = 5.5 V, IF = 5 mA
VCC = 20 V, IF = 5 mA
VCC = VO = 5.5 V, VF = 0 V
VCC = VO = 20 V, VF = 0 V
VCC = 5.5 V, IF = 5 mA,
VO = GND
VCC = 20 V, IF = 5 mA,
VO = GND
IO = -2.6 mA, VO > 2.4 V
IO = 3.5 mA, VO < 0.6 V
VCC = 5 V
Min
1.40
2.7
17.4
15
20
-5
-10
0.8
Typ.
1.57
-1.8
60
0.2
3.5
19
80
90
-15
-20
0.4
0.05
Max
1.80
10
0.6
3.0
3.0
3.0
3.0
1.6
Unit
V
mV/
µA
pF
V
mA
V
mA
Note:
All typical values are at Ta = 25.
Note 1: Duration of output short circuit time should not exceed 10 ms.
Note 2: VOH = VCC - VO (V)
10.
10.
10.
10. Isolation Characteristics
Isolation Characteristics
Isolation Characteristics
Isolation Characteristics
Unless otherwise specified, Ta = 25
Characteristics
Capacitance (input to output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
Test Conditions
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60%
AC, 1 min
AC, 1 s in oil
DC, 1 min in oil
Min
1×1012
3750
Typ.
1.0
1014
10000
10000
Max
Unit
pF
Vrms
VDC
Note 1: This device is considered as a two-terminal device: Pins 1, 2, 3 and 4 are shorted together, and pins 5, 6, 7
and 8 are shorted together.
2010-08-12
Rev.1.0


Similar Part No. - TLP2405

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2403 TOSHIBA-TLP2403 Datasheet
233Kb / 12P
   High-Speed Digital Interfacing for Instrumentation and Control Devices Simplex/Multiplex Data Transmission
TLP2404 TOSHIBA-TLP2404 Datasheet
267Kb / 11P
   IPM (Intelligent Power Module) Industrial Inverter Operate at high ambient temperatures up to 125째C
TLP2408 TOSHIBA-TLP2408 Datasheet
340Kb / 14P
   Photocouplers GaAAs Infrared LED & Photo IC
TLP2409 TOSHIBA-TLP2409 Datasheet
188Kb / 8P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP240A TOSHIBA-TLP240A Datasheet
410Kb / 17P
   Photocouplers Photorelay
More results

Similar Description - TLP2405

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP2748 TOSHIBA-TLP2748 Datasheet
559Kb / 17P
   Photocouplers GaA?밃s Infrared LED & Photo IC
TLP2745 TOSHIBA-TLP2745 Datasheet
1Mb / 20P
   GaA?밃s Infrared LED & Photo IC
TLP2310 TOSHIBA-TLP2310 Datasheet
744Kb / 21P
   GaA?밃s Infrared LED & Photo IC
TLP2468 TOSHIBA-TLP2468 Datasheet
327Kb / 13P
   Photocouplers GaA As Infrared LED & Photo IC
TLP2303 TOSHIBA-TLP2303 Datasheet
286Kb / 13P
   Photocouplers GaA As Infrared LED & Photo IC
TLP2168 TOSHIBA-TLP2168 Datasheet
343Kb / 13P
   Photocouplers GaA As Infrared LED & Photo IC
TLP155 TOSHIBA-TLP155 Datasheet
200Kb / 10P
   Photocouplers GaA As Infrared LED & Photo IC
TLP2309 TOSHIBA-TLP2309 Datasheet
352Kb / 13P
   Photocouplers GaA-As Infrared LED - Photo IC
TLP152 TOSHIBA-TLP152 Datasheet
207Kb / 10P
   Photocouplers GaA As Infrared LED & Photo IC
TLP754 TOSHIBA-TLP754 Datasheet
375Kb / 15P
   Photocouplers GaA As Infrared LED & Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com