Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FME Datasheet(PDF) 1 Page - Schurter Inc.

Part # FME
Description  Fuseholder Open Design, Holder for MSF 125, Panel Mount
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FME Datasheet(HTML) 1 Page - Schurter Inc.

  FME Datasheet HTML 1Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image

Fuseholder Blocks & Clips
FME
www.schurter.com/pg02b
Fuses
Fuseholder Open Design, Holder for MSF 125, Panel Mount
125 VAC · 5A (UL/CSA)
Description
-Panelmount,frontside
Standards
-UL512
-CSAC22.2no.39
Approvals
-ULFileNumber:E39328
References
GeneralProductInformation
FuseholdertoMSF125
Weblinks
RoHS,CHINA-RoHS,e-Store,SCHURTER-Stock-Check,Distributor-
Stock-Check,CAD-Drawings,Accessories,ProductChangeNotification
(PCN),ProductContentSheet(PCS),Whitepaper
Technical Data
Fuse-Link
Microfuse125V
Mounting
PanelMount
Terminal
Solder
RatedVoltage
125VAC
RatedCurrent
5A(UL/CSA)
DegreeofProtection
IP40
AdmissibleAmbientAirTemp. -40°Cto85°C
ClimaticCategory
40/085/21acc.toIEC60068-1
Material:Socket
Thermoset,black,UL94V-0
Material:Terminals
Silver-PlatedBrass
UnitWeight(Socket/Cap)
0.3g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Approvals
SolderingMethods
Iron
Solderability
350°C/2secacc.toIEC60068-2-20,
TestTa,method2
ResistancetoSolderingHeat
260°C/10secacc.toIEC60068-2-20,
TestTb,method2
ContactResistance
<5m
Ωat20mV
DielectricStrength
>3kVbetweenL-N
(50Hz;1min)
ImpulseWithstandVoltage
>4kVbetweenL-N
InsulationResistance
>10M
ΩbetweenL-N
(500VDC;1min)
OvervoltageCategory
I-IIIacc.toIEC60664-1
PollutionDegree
1-3acc.toIEC60664-1
Abmessungen
11.5mm
 
max. 3.2
1.9x1.4
8.1
11.5
1.5
4.8
+0.1
0
4.9
+0.1
0
Drilling diagram
Variants
Holder
Order Number
l
0031.7503
Packaging Unit
PlasticBag(100pcs.)
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - FME

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FME-2104 SANKEN-FME-2104 Datasheet
85Kb / 3P
   Schottky Barrier Diodes
FME-2106 SANKEN-FME-2106 Datasheet
92Kb / 2P
   Schottky Barrier Diodes
FME-210B SANKEN-FME-210B Datasheet
291Kb / 7P
   Schottky Barrier Diode
FME-220A SANKEN-FME-220A Datasheet
32Kb / 1P
   100V, 20A Schottky barrier diode in TO220F package
FME-220B SANKEN-FME-220B Datasheet
292Kb / 7P
   Schottky Barrier Diode
More results

Similar Description - FME

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMR SCHURTER-FMR Datasheet
323Kb / 1P
   Fuseholder Open Design, Holder for MSF 125, horizontal, THT
FMS-125V SCHURTER-FMS-125V Datasheet
202Kb / 2P
   Fuseholder Open Design, Holder for MSF 125, vertical, THT
OMH125 SCHURTER-OMH125 Datasheet
314Kb / 1P
   Fuseholder Open Design, Holder for OMF 63, OMF 125 and OMT 125, SMD
FMS SCHURTER-FMS Datasheet
225Kb / 2P
   Fuseholder Open Design, Holder for MSx 250, THT
04.01.2022
231819 SCHURTER-231819 Datasheet
195Kb / 1P
   Fuseholder Open Design, Holder for FRT 250x, THT
0031.7601 SCHURTER-0031.7601 Datasheet
287Kb / 1P
   Fuseholder Open Design, Holder for MSx 250, THT
231651 SCHURTER-231651 Datasheet
196Kb / 1P
   Fuseholder Open Design, Holder for PSC 125V, THT
231787 SCHURTER-231787 Datasheet
229Kb / 1P
   Fuseholder Open Design, Holder for MSB and 172876, SMD
231786 SCHURTER-231786 Datasheet
231Kb / 1P
   Fuseholder Open Design, Holder for MSB and 172876, THT
231787 SCHURTER-231787_18 Datasheet
219Kb / 2P
   Fuseholder Open Design, Holder for MSB and 172876, THT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com