Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5500.2233 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 5500.2233
Description  DC-Filter, dual pole
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5500.2233 Datasheet(HTML) 2 Page - Schurter Inc.

  5500.2233 Datasheet HTML 1Page - Schurter Inc. 5500.2233 Datasheet HTML 2Page - Schurter Inc. 5500.2233 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image

-Phase Line Filters
FMEC
www.schurter.com/pg06_
EMC Products
Case 87-3
2)
1)
3)
4 mm2
6.3x0.8
49 max.
110 max.
87 max.
(7)
(12)
5.3 ±0.2
(12)
1) Line2) Load3) I/O connections torque 0.6...0.8 Nm
Case 87-7
49 max.
113 max.
109 max.
87 max.
(7)
(12)
5.3 ±0.2
(15)
(12)
2)
1)
3)
4 mm2
4)
1) Line2) Load3) Tightening torque 0.6...0.8 Nm4) Tightening torque 1.2...1.4 Nm
Terminal options
6.3x0.8
4 mm2
L
1)
2)
3)
1) Quick connect terminals 6.3x0.8 (only up to 24A)2) Screw clamp 4mm²3) Flexible
wires
Diagrams
Cx
R
Cx
R
+ Vss
GND
1)
L
Cy
Cy
Cy
Cy
+ Vss'
GND'
PE
2)
- Vss
- Vss'
1) Line
2) Load


Similar Part No. - 5500.2233

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5500.2223 SCHURTER-5500.2223 Datasheet
551Kb / 3P
   DC-Filter, single pole
5500.2224 SCHURTER-5500.2224 Datasheet
551Kb / 3P
   DC-Filter, single pole
5500.2225 SCHURTER-5500.2225 Datasheet
551Kb / 3P
   DC-Filter, single pole
5500.2226 SCHURTER-5500.2226 Datasheet
551Kb / 3P
   DC-Filter, single pole
5500.2227 SCHURTER-5500.2227 Datasheet
551Kb / 3P
   DC-Filter, single pole
More results

Similar Description - 5500.2233

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMEB SCHURTER-FMEB Datasheet
551Kb / 3P
   DC-Filter, single pole
logo
Powerbox
SNA-01-223 POWERBOX-SNA-01-223 Datasheet
287Kb / 1P
   DC FILTER
logo
International Rectifier
PVR1300 IRF-PVR1300 Datasheet
90Kb / 6P
   BOSFET PHOTOVOLTAIC RELAY DUAL - POLE 400MA 0-100V AC/DC
logo
EPCOS
B69813N1477A840 EPCOS-B69813N1477A840 Datasheet
161Kb / 4P
   3-Pole Filter for WSP
B69812N1477D340 EPCOS-B69812N1477D340 Datasheet
152Kb / 4P
   2-Pole Filter for DAB
logo
List of Unclassifed Man...
SSM2044 ETC-SSM2044 Datasheet
299Kb / 4P
   4 POLE VOLTAGE CONTROLLED FILTER
logo
EPCOS
B69812N1477A540 EPCOS-B69812N1477A540 Datasheet
147Kb / 4P
   2-Pole Filter for DAB
logo
List of Unclassifed Man...
SSM2044 ETC-SSM2044 Datasheet
127Kb / 4P
   4 POLE VOLTAGE CONTROLLED FILTER
MFE1842BBU22 ETC-MFE1842BBU22 Datasheet
13Kb / 1P
   Dielectric Filter with Attenuation Pole
logo
EPCOS
B69813N2327A414 EPCOS-B69813N2327A414 Datasheet
163Kb / 4P
   3-Pole Filter for SIRIUS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com