Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCA8109 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPCA8109
Description  Silicon P Channel MOS Type (U-MOS??
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8109 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPCA8109 Datasheet HTML 1Page - Toshiba Semiconductor TPCA8109 Datasheet HTML 2Page - Toshiba Semiconductor TPCA8109 Datasheet HTML 3Page - Toshiba Semiconductor TPCA8109 Datasheet HTML 4Page - Toshiba Semiconductor TPCA8109 Datasheet HTML 5Page - Toshiba Semiconductor TPCA8109 Datasheet HTML 6Page - Toshiba Semiconductor TPCA8109 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TPCA8109
2009-12-03
2
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
(Tc=25°C)
Rth (ch-c)
4.17
°C/W
Thermal resistance, channel to ambient
(t
= 10 s)
(Note 2a)
Rth (ch-a)
44.6
°C/W
Thermal resistance, channel to ambient
(t
= 10 s)
(Note 2b)
Rth (ch-a)
78.1
°C/W
Marking (Note 4)
Note 1: Please use devices on condition that the channel temperature is below 150°C.
Note 2: (a) Device mounted on a glass-epoxy board (a)
(b) Device mounted on a glass-epoxy board (b)
Note 3: VDD = −24 V, Tch = 25°C (initial), L = 100μH, RG = 25 Ω, IAR = -24 A
Note 4:
*
TPCA
8109
Lot No.
Type
* Weekly code: (Three digits)
Week of manufacture
(01 for first week of year, continues up to 52 or 53)
Year of manufacture
(One low-order digits of calendar year)
FR-4
25.4
× 25.4 × 0.8
(Unit: mm)
(b)
FR-4
25.4
× 25.4 × 0.8
(Unit: mm)
(a)


Similar Part No. - TPCA8109

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8109 TOSHIBA-TPCA8109 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TPCA8109

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8302 TOSHIBA-TPCP8302_08 Datasheet
272Kb / 7P
   Silicon P Channel MOS Type (U-MOS??
TPC8127 TOSHIBA-TPC8127 Datasheet
222Kb / 7P
   Silicon P Channel MOS Type (U-MOS??
TPC6103 TOSHIBA-TPC6103 Datasheet
230Kb / 7P
   Silicon P Channel MOS Type (U-MOS III)
TPC6105 TOSHIBA-TPC6105_06 Datasheet
259Kb / 7P
   Silicon P Channel MOS Type (U-MOS III)
TJ200F04M3L TOSHIBA-TJ200F04M3L_V01 Datasheet
313Kb / 11P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.8.0
TJ40S04M3L TOSHIBA-TJ40S04M3L_V01 Datasheet
257Kb / 9P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.7.0
TJ20S04M3L TOSHIBA-TJ20S04M3L_V01 Datasheet
260Kb / 9P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.7.0
TJ80S04M3L TOSHIBA-TJ80S04M3L_V01 Datasheet
269Kb / 9P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.9.0
TJ8S06M3L TOSHIBA-TJ8S06M3L_V01 Datasheet
278Kb / 9P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.9.0
TJ15S06M3L TOSHIBA-TJ15S06M3L_V01 Datasheet
264Kb / 9P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.8.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com