Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPG2 Datasheet(PDF) 1 Page - Schurter Inc.

Part # FPG2
Description  Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Rear-Side, IP 40 / IP 67, IEC 60335-1
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FPG2 Datasheet(HTML) 1 Page - Schurter Inc.

  FPG2 Datasheet HTML 1Page - Schurter Inc. FPG2 Datasheet HTML 2Page - Schurter Inc. FPG2 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Fuseholders
FPG2
www.schurter.com/pg02
Fuses
Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Rear-Side, IP 40 / IP 67, IEC 60335-1
Fingergrip
250 VAC · 2.5W/10A (VDE)16A (UL/CSA)
Description
-MeetsthenewrequirementsofIEC60335-1Ed.4.0forappliancesin
unattendeduse(clause30.2.3).Thisincludestheenhancedrequire-
mentsofglowwiretestsacc.toIEC60695-2-11to-13.Ordernumb-
ers:xxxx.xxxx.15
-Mountingfromrear-side
Standards
-IEC60127-6
-UL4248-1/UL512
-CSAC22.2no.39
Approvals
-VDELicenseNumber:127216
-ULFileNumber:E39328
Applications
-Industrialelectronic
-Householdappliances
-Medicalequipments
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
ShocksafeCategory
PC2
Fuse-Link
5x20mm
Mounting
PanelMount,Rear-Side
Mounting
FixingNut
Terminal
SolderorQuick-Connect4.8x0.5mm
RatedVoltage
250VAC
RatedCurrent
10A(VDE),16A(UL/CSA)
RatedPowerAcceptanceIEC 2.5W/10A@Ta23°C
Admissiblepoweracceptanceathig-
herambienttemperatureseederating
curves
DegreeofProtection
IP40/IP67
ProtectionClass
Suitableforapplianceswithprotection
class1or2acc.toIEC61140
AdmissibleAmbientAirTemp. -40°Cto85°C
ClimaticCategory
40/085/21acc.toIEC60068-1
Material:Socket
Thermoplastic,black,UL94V-0
Material:Terminals
Tin-PlatedCopperAlloy
UnitWeight(Socket/Cap)
6.01g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Type,Voltage,PowerAcc./Current
Rating,Approvals
SolderingMethods
Iron
Solderability
350°C/2secacc.toIEC60068-2-20,
TestTa,method2
ResistancetoSolderingHeat
350°C/10secacc.toIEC60068-2-20,
TestTb,method2
ContactResistance
<5m
Ωat20mV
DielectricStrength
>3kVbetweenL-N
>4kVbetweenL/N-PE
(50Hz;1min)
ImpulseWithstandVoltage
>2.5kVbetweenL-N
>6kVbetweenL/N-PE
InsulationResistance
>10M
ΩbetweenL-N
>100M
ΩbetweenL/N-PE
(500VDC;1min)
OvervoltageCategory
I-IIacc.toIEC60664-1
PollutionDegree
1-3acc.toIEC60664-1
ResistancetoVibration
acc.toIEC60068-2-6,testFc
AdmissibleTorqueonFixing
Nut
max1.2Nm
PanelThicknesss
max8mm


Similar Part No. - FPG2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FPG2 SCHURTER-FPG2 Datasheet
364Kb / 4P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Rear-Side, IP 40 / IP 67, IEC 60335-1
FPG2 SCHURTER-FPG2_V01 Datasheet
364Kb / 4P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Rear-Side, IP 40 / IP 67, IEC 60335-1
More results

Similar Description - FPG2

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FPG1 SCHURTER-FPG1 Datasheet
466Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, IP 40 / IP 67, IEC 60335-1
FPG2 SCHURTER-FPG2_V01 Datasheet
364Kb / 4P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Rear-Side, IP 40 / IP 67, IEC 60335-1
FPG1 SCHURTER-FPG1_V02 Datasheet
365Kb / 4P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 67, IEC 60335-1
04.01.2022
23316P SCHURTER-23316P Datasheet
252Kb / 1P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Rear-Side, NF, IP 40 / IP 67
23316P SCHURTER-23316P_16 Datasheet
236Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Rear-Side, NF, IP 40 / IP 67
23316P SCHURTER-23316P_18 Datasheet
239Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Rear-Side, NF, IP 40 / IP 67
FEF SCHURTER-FEF Datasheet
416Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, IP 40 / IP 54
FIN SCHURTER-FIN Datasheet
399Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot, IP 67
FPG5 SCHURTER-FPG5 Datasheet
472Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, horizontal, IEC 60335-1
FEF SCHURTER-FEF_V02 Datasheet
348Kb / 4P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 54
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com