Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3101.0030.15 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 3101.0030.15
Description  Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Snap stepless, 1.0 - 3.0 mm, IEC 60335-1
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3101.0030.15 Datasheet(HTML) 1 Page - Schurter Inc.

  3101.0030.15 Datasheet HTML 1Page - Schurter Inc. 3101.0030.15 Datasheet HTML 2Page - Schurter Inc. 3101.0030.15 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Fuseholders
FPG3
www.schurter.com/pg02
Fuses
Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Snap stepless, 1.0 - 3.0 mm, IEC 60335-1
Fingergrip
250 VAC · 2.5W/10A (VDE)16A (UL/CSA)
Description
-MeetsthenewrequirementsofIEC60335-1Ed.4.0forappliancesin
unattendeduse(clause30.2.3).Thisincludestheenhancedrequire-
mentsofglowwiretestsacc.toIEC60695-2-11to-13.Ordernumb-
ers:xxxx.xxxx.15
-PanelThickness1.0-3.0mm,Snapstepless
-Fuseholderavailableinblack,greyandwhite
Standards
-IEC60127-6
-UL4248-1/UL512
-CSAC22.2no.39
Approvals
-VDELicenseNumber:127216
-ULFileNumber:E39328
Applications
-Industrialelectronic
-Householdappliances
-Medicalequipments
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
ShocksafeCategory
PC2
Fuse-Link
5x20mm
Mounting
PanelMount,Front-Side
Mounting
Snap-in
Terminal
SolderorQuick-Connect4.8x0.5mm
RatedVoltage
250VAC
RatedCurrent
10A(VDE),16A(UL/CSA)
RatedPowerAcceptanceIEC 2.5W/10A@Ta23°C
2.5W/10Aforxxxx.xxxx.15versions
inhorizontalposition
DegreeofProtection
IP40
ProtectionClass
Suitableforapplianceswithprotection
class1or2acc.toIEC61140
AdmissibleAmbientAirTemp. -40°Cto85°C
ClimaticCategory
40/085/21acc.toIEC60068-1
Material:Socket
Thermoplastic,black,UL94V-0
Material:Terminals
Tin-PlatedCopperAlloy
UnitWeight(Socket/Cap)
5.3g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Type,Voltage,PowerAcc./Current
Rating,PanelThickness,Approvals
SolderingMethods
Iron
Solderability
350°C/2secacc.toIEC60068-2-20,
TestTa,method2
ResistancetoSolderingHeat
350°C/10secacc.toIEC60068-2-20,
TestTb,method2
ContactResistance
<5m
Ωat20mV
DielectricStrength
>3kVbetweenL-N
>4kVbetweenL/N-PE
(50Hz;1min)
ImpulseWithstandVoltage
>2.5kVbetweenL-N
>6kVbetweenL/N-PE
InsulationResistance
>10M
ΩbetweenL-N
>100M
ΩbetweenL/N-PE
(500VDC;1min)
OvervoltageCategory
I-IIacc.toIEC60664-1
PollutionDegree
1-3acc.toIEC60664-1
ResistancetoVibration
acc.toIEC60068-2-6,testFc
PanelThicknesss
1.0-3.0mm


Similar Part No. - 3101.0030.15

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3101.0030 SCHURTER-3101.0030 Datasheet
2Mb / 58P
   FUSEHOLDERS / SICHERUNGSHALTER
3101.0030 SCHURTER-3101.0030 Datasheet
300Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap stepless, 1.0 - 3.0 mm, IEC 60335-1
04.01.2022
More results

Similar Description - 3101.0030.15

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FPG3 SCHURTER-FPG3_V02 Datasheet
300Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap stepless, 1.0 - 3.0 mm, IEC 60335-1
04.01.2022
FPG3 SCHURTER-FPG3_V01 Datasheet
300Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap stepless, 1.0 - 3.0 mm, IEC 60335-1
0031.1092 SCHURTER-0031.1092 Datasheet
425Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Snap Stepless, 0.75 - 3.0 mm
00311091 SCHURTER-00311091 Datasheet
422Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Snap Stepless, 0.75 - 3.0 mm
FPG5 SCHURTER-FPG5 Datasheet
472Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, horizontal, IEC 60335-1
FPG4 SCHURTER-FPG4 Datasheet
467Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, vertical, IEC 60335-1
FPG7 SCHURTER-FPG7 Datasheet
436Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, horizontal, Slot/Fingergrip, SMD, IEC 60335-1
FEF-SNAP SCHURTER-FEF-SNAP Datasheet
263Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap Stepless, 0.75 - 3.0 mm
FPG4 SCHURTER-FPG4_V01 Datasheet
271Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, vertical, IEC 60335-1
FPG5 SCHURTER-FPG5_V01 Datasheet
273Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, horizontal, IEC 60335-1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com