Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3101.0120 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 3101.0120
Description  Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Rear-Side, IP 40 / IP 67, IEC 60335-1
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3101.0120 Datasheet(HTML) 3 Page - Schurter Inc.

  3101.0120 Datasheet HTML 1Page - Schurter Inc. 3101.0120 Datasheet HTML 2Page - Schurter Inc. 3101.0120 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

Fuseholders
FPG2
www.schurter.com/pg02
Fuses
Variants
Holder
Cap
Terminal
Degree of
Protection
Material
Remark
Order Number
l
Slot Knob
Solder
IP 40
Thermoplastic
-
3101.0020
l
Slot Knob
Solder
IP 40
Spec. Thermoplastic 1
Approvals pending
3101.0020.15
l
Slot Knob
Quick-Connect 4.8 x 0.5 mm
IP 40
Thermoplastic
-
3101.0220
l
Slot Knob
Quick-Connect 4.8 x 0.5 mm
IP 40
Spec. Thermoplastic 1
Approvals pending
3101.0220.15
l
Fingergrip
Solder
IP 40
Thermoplastic
-
3101.0025
l
Fingergrip
Solder
IP 40
Spec. Thermoplastic 1
Approvals pending
3101.0025.15
l
Fingergrip
Quick-Connect 4.8 x 0.5 mm
IP 40
Thermoplastic
-
3101.0225
l
Fingergrip
Quick-Connect 4.8 x 0.5 mm
IP 40
Spec. Thermoplastic 1
Approvals pending
3101.0225.15
l
Slot Knob
Solder
IP 67
Thermoplastic
-
3101.0120
l
Slot Knob
Solder
IP 67
Spec. Thermoplastic 1
Approvals pending
3101.0120.15
l
Slot Knob
Quick-Connect 4.8 x 0.5 mm
IP 67
Thermoplastic
-
3101.0320
l
Slot Knob
Quick-Connect 4.8 x 0.5 mm
IP 67
Spec. Thermoplastic 1
Approvals pending
3101.0320.15
l
Fingergrip
Solder
IP 67
Thermoplastic
-
3101.0125
l
Fingergrip
Solder
IP 67
Spec. Thermoplastic 1
Approvals pending
3101.0125.15
l
Fingergrip
Quick-Connect 4.8 x 0.5 mm
IP 67
Thermoplastic
-
3101.0325
l
Fingergrip
Quick-Connect 4.8 x 0.5 mm
IP 67
Spec. Thermoplastic 1
Approvals pending
3101.0325.15
Spec.thermoplasticmeetthenewrequirementsofIEC60335-1Ed.4.0forappliancesinunattendeduse(clause30.2.3).Thisincludesthe
enhancedrequirementsofglowwiretestsacc.toIEC60695-2-11to-13.
Whiteandgreycoloursavailableonrequest
Packaging Unit
Bulk186x91x110mm(100pcs.)
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 3101.0120

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3101.0120 SCHURTER-3101.0120 Datasheet
2Mb / 58P
   FUSEHOLDERS / SICHERUNGSHALTER
More results

Similar Description - 3101.0120

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FPG1 SCHURTER-FPG1 Datasheet
466Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, IP 40 / IP 67, IEC 60335-1
FPG2 SCHURTER-FPG2_V01 Datasheet
364Kb / 4P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Rear-Side, IP 40 / IP 67, IEC 60335-1
FPG1 SCHURTER-FPG1_V02 Datasheet
365Kb / 4P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 67, IEC 60335-1
04.01.2022
23316P SCHURTER-23316P Datasheet
252Kb / 1P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Rear-Side, NF, IP 40 / IP 67
23316P SCHURTER-23316P_16 Datasheet
236Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Rear-Side, NF, IP 40 / IP 67
23316P SCHURTER-23316P_18 Datasheet
239Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Rear-Side, NF, IP 40 / IP 67
FEF SCHURTER-FEF Datasheet
416Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, IP 40 / IP 54
FIN SCHURTER-FIN Datasheet
399Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot, IP 67
FPG5 SCHURTER-FPG5 Datasheet
472Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, horizontal, IEC 60335-1
FEF SCHURTER-FEF_V02 Datasheet
348Kb / 4P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, IP 40 / IP 54
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com