Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6431.0253.20 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 6431.0253.20
Description  IEC Appliance Inlet C14 with modular extended Components
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

6431.0253.20 Datasheet(HTML) 1 Page - Schurter Inc.

  6431.0253.20 Datasheet HTML 1Page - Schurter Inc. 6431.0253.20 Datasheet HTML 2Page - Schurter Inc. 6431.0253.20 Datasheet HTML 3Page - Schurter Inc. 6431.0253.20 Datasheet HTML 4Page - Schurter Inc. 6431.0253.20 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

Power entry modules without line filter
Felcom 64
www.schurter.com/pg05
Connectors
IEC Appliance Inlet C14 with modular extended Components
6421.005X.XX
Appliance inlet
Appliance outlet
6431.005X.XX
Appliance inlet
Switch
Appliance outlet
6432.0X5X.XX
Appliance inlet
Fuseholder
Switch
Appliance outlet
Plug removal necessary for fuse
replacement
C14
70° C
F
70° C
Description
-PanelMount:
Snap-inversionfromfrontside
-2-4Functions:
ApplianceInletProtectionclassI,ConnectorProtectionclassI,Line
Switch2-pole,Fuseholderforfuse-links5x20mm1-or2-pole
-Solderterminals3.5x0.8mmorquickconnectterminals6.3x0.8
mm
-Alternative:versionwithlinefilterFelcom54
Approvals
-VDELicenseNumber:40028094
-ULLicenseNumber:E103791
-CSALicenseNumber:38456
Characteristics
-Modularcomponentselection
-Individualcomponentssolderedonaprintedcircuitboard
-Plugremovalnecessaryforfuse-linkreplacement
FusedrawermeetsrequirementsofmedicalstandardIEC/EN60601-1
Thefuseholderisaccessiblefromtheequipmentfront
-Fullyinsulatedfromtherear
-QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
-Lineswitchwithotherrockermarking
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
10A/250VAC;50Hz
RatingsUL/CSA
10A/125/250VAC;60Hz
AllowableOperationTemp.
-25°Cto70°C
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
Solderterminals3.5x0.8mmorquick
connectterminals6.3x0.8mm,tin-
plated
PanelThicknesss
Snap-in:1/1.2/1.5/2/2.5/3mm
Material:Housing
Thermoplastic,black,UL94V-0
ApplianceInlet/Appliance
Outlet
C14acc.toIEC/EN60320-1
andFacc.toIEC/EN60320-2-2,
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
Fuseholder
1or2pole,ShocksafecategoryPC2
acc.toIEC60127-6,
forfuse-links5x20mm
RatedPowerAcceptance@
Ta23°C
5x20:2W(1pole)/1.6W(2-pole)per
pole
PowerAcceptance@Ta>
23°C
Admissiblepoweracceptanceathig-
herambienttemperatureseederating
curves
LineSwitch
Rockerswitch2-pole,non-illuminated,
IEC61058-1
Technicaldetails


Similar Part No. - 6431.0253.20

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6431.0253.20 SCHURTER-6431.0253.20 Datasheet
584Kb / 7P
   IEC Appliance Inlet C14 with modular extended Components
More results

Similar Description - 6431.0253.20

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FELCOM64 SCHURTER-FELCOM64 Datasheet
584Kb / 7P
   IEC Appliance Inlet C14 with modular extended Components
FELCOM64 SCHURTER-FELCOM64_18 Datasheet
530Kb / 7P
   IEC Appliance Inlet C14 with modular extended Components
FELCOM64 SCHURTER-FELCOM64_V01 Datasheet
533Kb / 7P
   IEC Appliance Inlet C14 with modular extended Components
08.12.2021
54111051101 SCHURTER-54111051101 Datasheet
712Kb / 4P
   IEC Appliance Inlet C14 Modular Assembling Options
FELCOM54 SCHURTER-FELCOM54_V01 Datasheet
570Kb / 8P
   IEC Appliance Inlet C14 Modular Assembling Options
04.01.2022
FELCOM54 SCHURTER-FELCOM54 Datasheet
560Kb / 8P
   IEC Appliance Inlet C14 Modular Assembling Options
6048 SCHURTER-6048_18 Datasheet
318Kb / 4P
   IEC Appliance Inlet C14
5110 SCHURTER-5110_18 Datasheet
692Kb / 6P
   IEC Appliance Inlet C14 with Filter
KFS SCHURTER-KFS_V01 Datasheet
528Kb / 6P
   IEC Appliance Inlet C14 with Filter
04.01.2022
KFS SCHURTER-KFS Datasheet
462Kb / 3P
   IEC Appliance Inlet C14 with Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com