Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3101.0075 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 3101.0075
Description  Shock-Safe Fuseholder, 5 x 20 mm, horizontal, Slot/Fingergrip, SMD, IEC 60335-1
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3101.0075 Datasheet(HTML) 1 Page - Schurter Inc.

  3101.0075 Datasheet HTML 1Page - Schurter Inc. 3101.0075 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Fuseholders
FPG7
www.schurter.com/pg02
Fuses
Shock-Safe Fuseholder, 5 x 20 mm, horizontal, Slot/Fingergrip, SMD, IEC 60335-1
Fingergrip
250 VAC · 2.5W/10A (VDE)16A (UL/CSA)
Description
-SurfaceMountDevice
-MeetsthenewrequirementsofIEC60335-1Ed.4.0forappliances
inunattendeduse(clause30.2.3).Thisincludestheenhancedre-
quirementsofglowwiretestsacc.toIEC60695-2-11to-13.Order
number:3101.0071/3101.0076
-Capisavailableslottedorfingergrip
Standards
-IEC60127-6
-UL4248-1/UL512
-CSAC22.2no.39
Approvals
-VDELicenseNumber:129098
-ULFileNumber:E39328
Applications
-Industrialelectronic
-Householdappliances
-Medicalequipments
References
GeneralProductInformation
PackagingDetails
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
ShocksafeCategory
PC2
Fuse-Link
5x20mm
Mounting
PCB
Terminal
SolderSMT
RatedVoltage
250VAC
RatedCurrent
10A(VDE),16A(UL/CSA)
RatedPowerAcceptanceIEC 2.5W/10A@Ta23°C
Admissiblepoweracceptanceathig-
herambienttemperatureseederating
curves
DegreeofProtection
IP40
ProtectionClass
Suitableforapplianceswithprotection
class1or2acc.toIEC61140
AdmissibleAmbientAirTemp. -40°Cto85°C
ClimaticCategory
40/085/21acc.toIEC60068-1
Material:Socket
Thermoplastic,black,UL94V-0
Material:Terminals
Tin-PlatedCopperAlloy
UnitWeight(Socket/Cap)
4.4g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Type,Voltage,PowerAcc./Current
Rating,Approvals
SolderingMethods
Reflow
Solderability
245°C/3secacc.toIEC60068-2-58,
TestTd
ResistancetoSolderingHeat
260°C/20-40secacc.toIPC/JEDEC
J-STD-020D
ContactResistance
<5m
Ωat20mV
DielectricStrength
>3kVbetweenL-N
(50Hz;1min)
ImpulseWithstandVoltage
>2.5kVbetweenL-N
InsulationResistance
>10M
ΩbetweenL-N
(500VDC;1min)
OvervoltageCategory
I-IIacc.toIEC60664-1
PollutionDegree
1-3acc.toIEC60664-1
ResistancetoVibration
acc.toIEC60068-2-6,testFc


Similar Part No. - 3101.0075

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3101.0071 SCHURTER-3101.0071 Datasheet
247Kb / 2P
   Surface Mount Device with stabilizing Posts
3101.0076 SCHURTER-3101.0076 Datasheet
247Kb / 2P
   Surface Mount Device with stabilizing Posts
More results

Similar Description - 3101.0075

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FPG5 SCHURTER-FPG5 Datasheet
472Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, horizontal, IEC 60335-1
FPG4 SCHURTER-FPG4 Datasheet
467Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, vertical, IEC 60335-1
FPG5 SCHURTER-FPG5_V01 Datasheet
273Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, horizontal, IEC 60335-1
FPG4 SCHURTER-FPG4_V01 Datasheet
271Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, vertical, IEC 60335-1
FPG3 SCHURTER-FPG3 Datasheet
457Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Snap stepless, 1.0 - 3.0 mm, IEC 60335-1
FPG6 SCHURTER-FPG6 Datasheet
404Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot, Press, IEC 60335-1
FPG1 SCHURTER-FPG1 Datasheet
466Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, IP 40 / IP 67, IEC 60335-1
FAS SCHURTER-FAS Datasheet
367Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
FAS SCHURTER-FAS_V02 Datasheet
261Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
04.01.2022
FAS SCHURTER-FAS_18 Datasheet
249Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com