Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5500.2015 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 5500.2015
Description  AC Filter for PCB Mounting in Flat Housing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

5500.2015 Datasheet(HTML) 1 Page - Schurter Inc.

  5500.2015 Datasheet HTML 1Page - Schurter Inc. 5500.2015 Datasheet HTML 2Page - Schurter Inc. 5500.2015 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

-Phase Line Filters
FPP-02
www.schurter.com/pg06_
EMC Products
AC Filter for PCB Mounting in Flat Housing
Standard- or Medical-Filter
Description
-Chassis:
PCBMounting,fromtop
-Linefilterinstandardandmedicalversion,1-stage,standardattenua-
tion
-ForPCBmounting
-Excellentprice/perfomanceratio
Approvals
-VDELicenseNumber:40004673
-ULLicenseNumber:E72928
Characteristics
-Cost-savingplastichousing
Designedforstandardapplications
-Protectionagainstinterferencevoltagefromthemains
Possibleinterferencesgeneratedintheequipmentarestronglyattenu-
ated
-Forstandardapplications
-QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
-Versionwithwireconnection
-MedicalversionM80
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
0.5-6,5A@Ta40°C/250VAC;50Hz
RatingsUL/CSA
0.5-6,5A@Ta40°C/125VAC;60Hz
LeakageCurrent
standard<0.25mA(250V/60Hz)
medical<5µA(250V/60Hz)
DielectricStrength
>1.7kVDCbetweenL-N
>2.7kVDCbetweenL/N-PE
Testvoltage(2sec)
AllowableOperationTemp.
-25°Cto85°C
ClimaticCategory
25/085/21acc.toIEC60068-1
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
ForPCBmounting,tin-plated
Material:Housing
Thermoplastic,black,UL94V-0
LineFilter
StandardandMedicalVersion,IEC
60939,IEC60601-1,UL1283,UL544,
EN133200,CSAC22.2no.8
Technicaldetails
MTBF
>200'000hacc.toMIL-HB-217F


Similar Part No. - 5500.2015

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
5500.2010 SCHURTER-5500.2010 Datasheet
573Kb / 4P
   AC Filter for PCB Mounting Cots Optimized Standard- or Medical-Filter
More results

Similar Description - 5500.2015

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FPP-02 SCHURTER-FPP-02_V01 Datasheet
494Kb / 5P
   AC Filter for PCB Mounting in Flat Housing
FMAB-72 SCHURTER-FMAB-72_V01 Datasheet
552Kb / 4P
   AC Filter for PCB Mounting in Flat Aluminum Housing
15.09.2021
FMAB-72 SCHURTER-FMAB-72 Datasheet
492Kb / 3P
   AC Filter for PCB Mounting in Flat Aluminum Housing
5500 SCHURTER-5500 Datasheet
664Kb / 3P
   AC Filter for PCB Mounting
5500 SCHURTER-5500_V01 Datasheet
566Kb / 5P
   AC Filter for PCB Mounting
FPP-01 SCHURTER-FPP-01_V01 Datasheet
531Kb / 5P
   AC Filter for PCB Mounting Cost Optimized
FPP-01 SCHURTER-FPP-01 Datasheet
573Kb / 4P
   AC Filter for PCB Mounting Cots Optimized Standard- or Medical-Filter
logo
PREMO CORPORATION S.L
FAM_FILE00000052 PREMO-FAM_FILE00000052 Datasheet
122Kb / 1P
   Plastic case filter for PCB mounting
logo
List of Unclassifed Man...
FN405-3-02 ETC2-FN405-3-02 Datasheet
202Kb / 3P
   PCB-mounting filter
logo
Schaffner International...
FN-405 SCHAFFNER-FN-405 Datasheet
1Mb / 3P
   PCB-mounting filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com