Electronic Components Datasheet Search |
|
AS168X-CB3G230N Datasheet(PDF) 3 Page - Schurter Inc. |
|
AS168X-CB3G230N Datasheet(HTML) 3 Page - Schurter Inc. |
3 / 9 page www.schurter.com 125 MANUAL MOTOR CONTROLLER AND SUPPLEMENTARY PROTECTOR MOTOR- UND GERÄTESCHUTZSCHALTER AS168X Technical data / Technische Daten Pole / Pole: Rated voltage Ue AC versions / AC Versionen F; G; H AC 480/277 V; DC 65 V Nennspannung Ue DC versions / DC Versionen DF; DG; DH DC 180 V 1 pole / 1polig DC 360 V 2 – 3 pole / 2 – 3polig Note: The connection polarity must be strictly observed. An application with a DC Type AS168X in an AC network is not allowed. Hinweis: Die Anschlusspolarität muss unbedingt beachtet werden. Eine Anwendung von DC Versionen in AC Netzen ist nicht zulässig. Rated current In See approvals, page 126 AC/DC 0,5 – 52 A Nennstrom In Siehe Approbationen Seite 126 AC/DC 0,5 – 52 A Endurance Number of cycles at In 6000 Lebensdauer Anzahl Schaltspiele bei In 6000 Type of tripping • Thermal magnetic / thermisch-magnetisch TM Auslöseart • Positively trip-free / positive Freiauslösung Type of actuation / Betätigungsart Manual ON/OFF / Manuell EIN/AUS S-type / S-Typ Permissible wire cross section 1,5 – 25 mm2 /AWG #16...4 Zulässiger Leiterquerschnitt 1,5 – 25 mm2 /AWG #16...4 Switched neutral / Schaltbarer, neutraler Pol: Rated voltage Ue / Nennspannung Ue AC 277 V Rated current In / Nennstrom In AC/DC 65 A Function The switched neutral closes with manual closure of the poles and opens automatically with thermal magnetic tripping of the poles. Tripping characteristic DF Auslösekennlinie DF Tripping characteristic DG Auslösekennlinie DG Tripping characteristic DH Auslösekennlinie DH Multiple of rated current (x In) Nennstrom-Vielfaches (x In) 1 10 100 1000 x In 0,1ms 1ms 10ms 0,1s 1s 10s 100s 1000s 1hr Multiple of rated current (x In) Nennstrom-Vielfaches (x In) 1 10 100 1000 x In 0,1ms 1ms 10ms 0,1s 1s 10s 100s 1000s 1hr Multiple of rated current (x In) Nennstrom-Vielfaches (x In) 1 10 100 1000 x In 0,1ms 1ms 10ms 0,1s 1s 10s 100s 1000s 1hr |
Similar Part No. - AS168X-CB3G230N |
|
Similar Description - AS168X-CB3G230N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |