Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECLAMP2342N.TCT Datasheet(PDF) 6 Page - Semtech Corporation

Part # ECLAMP2342N.TCT
Description  ESD/EMI Protection for Color LCD Interfaces
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ECLAMP2342N.TCT Datasheet(HTML) 6 Page - Semtech Corporation

  ECLAMP2342N.TCT Datasheet HTML 1Page - Semtech Corporation ECLAMP2342N.TCT Datasheet HTML 2Page - Semtech Corporation ECLAMP2342N.TCT Datasheet HTML 3Page - Semtech Corporation ECLAMP2342N.TCT Datasheet HTML 4Page - Semtech Corporation ECLAMP2342N.TCT Datasheet HTML 5Page - Semtech Corporation ECLAMP2342N.TCT Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
 2004 Semtech Corp.
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
EClamp2342N
Contact Information
Semtech Corporation
Protection Products Division
200 Flynn Rd., Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Marking
Ordering Information
Top View Showing
Device Marking
Tape and Reel Specification
Tape Specifications
Device Orientation in Tape
r
e
b
m
u
N
t
r
a
P
r
e
p
y
t
Q
l
e
e
R
e
z
i
S
l
e
e
R
T
C
T
.
N
2
4
3
2
p
m
a
l
C
E0
0
0
3h
c
n
I
7
Bottom View Showing
Pin 1 Identifier
1
2
3
4
5
6
7
8
12
11
10
9
16
15
14
13
2342N
YYWW
1
2
3
4
56 7 8
12
11
10
9
16 15 14 13
Notes:
1) YYWW = Date Code (example: 0410 = 2004 year
Week 10
2) Pin 1 indicated by bevel on the ground pad
EMIClamp and EClamp are marks of Semtech
Corporation


Similar Part No. - ECLAMP2342N.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP2357N SEMTECH-ECLAMP2357N Datasheet
208Kb / 7P
   EMI Filter and ESD Protection for Secure Digital Card Interfaces
ECLAMP2357N-TCT SEMTECH-ECLAMP2357N-TCT Datasheet
208Kb / 7P
   EMI Filter and ESD Protection for Secure Digital Card Interfaces
ECLAMP2357N.TCT SEMTECH-ECLAMP2357N.TCT Datasheet
208Kb / 7P
   EMI Filter and ESD Protection for Secure Digital Card Interfaces
ECLAMP2357NQ SEMTECH-ECLAMP2357NQ Datasheet
995Kb / 8P
   EMI Filter and ESD Protection for Secure Digital Card Interfaces
ECLAMP2357NTCT SEMTECH-ECLAMP2357NTCT Datasheet
208Kb / 7P
   EMI Filter and ESD Protection for Secure Digital Card Interfaces
More results

Similar Description - ECLAMP2342N.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ECLAMP2454P SEMTECH-ECLAMP2454P Datasheet
215Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
logo
Shanghai Leiditech Elec...
EM2376K LEIDITECH-EM2376K Datasheet
412Kb / 3P
   ESD/EMI PROTECTION FOR COLOR LCD INTERFACES
logo
Semtech Corporation
ECLAMP2376K SEMTECH-ECLAMP2376K Datasheet
170Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2396P SEMTECH-ECLAMP2396P Datasheet
218Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2504K SEMTECH-ECLAMP2504K Datasheet
150Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2506K SEMTECH-ECLAMP2506K Datasheet
151Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2508K SEMTECH-ECLAMP2508K Datasheet
151Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2374P SEMTECH-ECLAMP2374P Datasheet
219Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2386K SEMTECH-ECLAMP2386K Datasheet
165Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2394P SEMTECH-ECLAMP2394P Datasheet
215Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
ECLAMP2458P SEMTECH-ECLAMP2458P Datasheet
218Kb / 8P
   ESD/EMI Protection for Color LCD Interfaces
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com