Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3101.0336.15 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 3101.0336.15
Description  Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Snap stepless, 1.0 - 3.0 mm, IEC 60335-1
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3101.0336.15 Datasheet(HTML) 2 Page - Schurter Inc.

  3101.0336.15 Datasheet HTML 1Page - Schurter Inc. 3101.0336.15 Datasheet HTML 2Page - Schurter Inc. 3101.0336.15 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Fuseholders
FPG3
www.schurter.com/pg02
Fuses
Abmessungen
40mm
S
26.5
5.5
8
40
6
Variants 3101.0030, 3101.0230, 3101.0031 and 3101.0331s = Panel thickness
(see variants)
S
26.5
10.5
8
45
4
Variants Fingergrip 3101.0035, 3101.0235, 3101.0036 and 3101.0336s = Panel
thickness (see variants)
13
0
-0.1
13
0
-0.1
Mounting holes
Derating Curves for Fuseholders
1.5
1.0
0.5
0.0
2.5
2.0
0
20
40
60
80
100
I = << In
I = 0.7 In
I = 1.0 In
Ambient air temperature Ta °C
Variants
Holder
Cap
Panel Thickness
s [mm]
Terminal
Colour
Holder
Material
Order Number
l
Slot Knob
1.0 - 1.8mm
Solder
black
Thermoplastic
3101.0030
l
Slot Knob
1.0 - 1.8mm
Solder
black
Spec. Thermoplastic 1
3101.0030.15
l
Slot Knob
1.0 - 1.8mm
Quick-Connect 4.8 x 0.5 mm
black
Thermoplastic
3101.0230
l
Slot Knob
1.0 - 1.8mm
Quick-Connect 4.8 x 0.5 mm
black
Spec. Thermoplastic 1
3101.0230.15
l
Slot Knob
2.0 - 3.0mm
Solder
black
Thermoplastic
3101.0031
l
Slot Knob
2.0 - 3.0mm
Solder
black
Spec. Thermoplastic 1
3101.0031.15
l
Slot Knob
2.0 - 3.0mm
Quick-Connect 4.8 x 0.5 mm
black
Thermoplastic
3101.0331
l
Slot Knob
2.0 - 3.0mm
Quick-Connect 4.8 x 0.5 mm
black
Spec. Thermoplastic 1
3101.0331.15
l
Fingergrip
1.0 - 1.8mm
Solder
black
Thermoplastic
3101.0035
l
Fingergrip
1.0 - 1.8mm
Solder
black
Spec. Thermoplastic 1
3101.0035.15
l
Fingergrip
1.0 - 1.8mm
Quick-Connect 4.8 x 0.5 mm
black
Thermoplastic
3101.0235
l
Fingergrip
1.0 - 1.8mm
Quick-Connect 4.8 x 0.5 mm
black
Spec. Thermoplastic 1
3101.0235.15
l
Fingergrip
2.0 - 3.0mm
Solder
black
Thermoplastic
3101.0036
l
Fingergrip
2.0 - 3.0mm
Solder
black
Spec. Thermoplastic 1
3101.0036.15


Similar Part No. - 3101.0336.15

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3101.0331 SCHURTER-3101.0331 Datasheet
300Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap stepless, 1.0 - 3.0 mm, IEC 60335-1
04.01.2022
More results

Similar Description - 3101.0336.15

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FPG3 SCHURTER-FPG3_V02 Datasheet
300Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap stepless, 1.0 - 3.0 mm, IEC 60335-1
04.01.2022
FPG3 SCHURTER-FPG3_V01 Datasheet
300Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap stepless, 1.0 - 3.0 mm, IEC 60335-1
0031.1092 SCHURTER-0031.1092 Datasheet
425Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Snap Stepless, 0.75 - 3.0 mm
00311091 SCHURTER-00311091 Datasheet
422Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, Snap Stepless, 0.75 - 3.0 mm
FPG5 SCHURTER-FPG5 Datasheet
472Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, horizontal, IEC 60335-1
FPG4 SCHURTER-FPG4 Datasheet
467Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Slot/Fingergrip, vertical, IEC 60335-1
FPG7 SCHURTER-FPG7 Datasheet
436Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, horizontal, Slot/Fingergrip, SMD, IEC 60335-1
FEF-SNAP SCHURTER-FEF-SNAP Datasheet
263Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Snap Stepless, 0.75 - 3.0 mm
FPG4 SCHURTER-FPG4_V01 Datasheet
271Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, vertical, IEC 60335-1
FPG5 SCHURTER-FPG5_V01 Datasheet
273Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, horizontal, IEC 60335-1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com