Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0034.1737 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 0034.1737
Description  Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, 250 VAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.1737 Datasheet(HTML) 2 Page - Schurter Inc.

  0034.1737 Datasheet HTML 1Page - Schurter Inc. 0034.1737 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Non resettable fuses
FSF 6.3x32
www.schurter.com/pg0_2
Fuses
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
.0 In max.
[mV]
Voltage Drop
.0 In typ.
[mV]
Power Dissi-
pation .5 In
typ. [mW]
Melting I²t 0.0
Intyp. [A²s]
Order Number
0.1
250
1)
6000
4200
600
-
0034.1736
0.125
250
1)
5500
3600
600
0.03
0034.1737
0.16
250
1)
5000
1700
600
0.05
0034.1738
0.2
250
1)
4000
3500
1000
0.03
0034.1739
0.25
250
1)
3500
2300
900
0.006
0034.1740
0.315
250
1)
3000
2000
900
0.001
0034.1741
0.4
250
1)
2500
1700
900
0.002
0034.1742
0.5
250
1)
2000
1700
1400
0.08
0034.1743
0.63
250
1)
1800
1400
1500
0.005
0034.1744
0.8
250
1)
1500
1300
1500
3.4
0034.1745
1
250
1)
500
370
500
0.7
0034.1746
1.25
250
1)
400
350
600
1.8
0034.1747
1.6
250
1)
400
350
600
3.1
0034.1748
2
250
1)
300
280
1000
4.5
0034.1749
2.5
250
1)
250
240
900
9.7
0034.1750
3.15
250
1)
250
230
1900
6.6
0034.1751
4
250
2)
250
230
1400
30.6
0034.1752
5
250
2)
200
180
2000
45
0034.1753
6.3
250
2)
200
140
1400
80
0034.1754
8
250
2)
200
200
2700
90
0034.1755
10
250
2)
200
180
3100
160
0034.1756
1)IEC:L=35A@250VAC
2)IEC:L=10In@250VAC
Packaging Unit
SmallBoxPack(10pcs.)
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
0.1 A
_> 0.125 A
Multiple of Rated Current In
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 0034.1737

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.1001 SCHURTER-0034.1001 Datasheet
264Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
0034.1001 SCHURTER-0034.1001 Datasheet
183Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
09.12.2021
0034.1002 SCHURTER-0034.1002 Datasheet
264Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
0034.1002 SCHURTER-0034.1002 Datasheet
183Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
09.12.2021
0034.1003 SCHURTER-0034.1003 Datasheet
264Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
More results

Similar Description - 0034.1737

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
00345107 SCHURTER-00345107 Datasheet
274Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, UL, 250 VAC
SP6.3X32 SCHURTER-SP6.3X32_18 Datasheet
233Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, Sand, 250 VAC
FSF6.3X32UL SCHURTER-FSF6.3X32UL Datasheet
244Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, UL, 250 VAC
FSF6.3X32 SCHURTER-FSF6.3X32_V01 Datasheet
180Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, UL, 250 VAC
04.01.2022
00011021 SCHURTER-00011021 Datasheet
265Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, Sand, 250 VAC
FSF6.3X32UL SCHURTER-FSF6.3X32UL_V01 Datasheet
257Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, UL, 250 VAC
29.09.2021
A12BK SCHURTER-A12BK Datasheet
321Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, UL, NNO, 250 VAC
172582 SCHURTER-172582_V02 Datasheet
198Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
04.01.2022
A12FA250V SCHURTER-A12FA250V_18 Datasheet
271Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
A12FA250V SCHURTER-A12FA250V_V02 Datasheet
273Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com