Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSS Datasheet(PDF) 2 Page - Schurter Inc.

Part # FSS
Description  AC Filter 2-Stage, Very High Symmetrical Attenuation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FSS Datasheet(HTML) 2 Page - Schurter Inc.

  FSS Datasheet HTML 1Page - Schurter Inc. FSS Datasheet HTML 2Page - Schurter Inc. FSS Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image

-Phase Line Filters
FSS
www.schurter.com/pg06_
EMC Products
Dimensions
Case 10
max. 81
max. 56
3.8
1)
2)
6.3x0.8
±0.2
max. 33
(11.5)
(26.5)
1) Line
2) Load
Case 19
max. 112
max. 115
max. 87
101±0.8
1)
2)
(36)
max. 49
(12)
1) Line
2) Load
Case 27
max. 173
max. 56
max. 151
(5)
85±0.3
6.5 ±0.3
1)
2)
4 mm²
1) Line
2) Load
Case 48
75±0.3
91 max.
66 max.
6.3x0.8
(3.5)
43 max.
(12)
1)
2)
1) Line
2) Load
Diagrams
Standard version
1) Line
2) Load
Attenuation Loss
----differentialmode_____commonmode
Standardversion
1 A
2 A
3 A


Similar Part No. - FSS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FSS SCHURTER-FSS Datasheet
444Kb / 4P
   AC Filter 2-Stage, Very High Symmetrical Attenuationl
logo
Heyco.
FSS HEYCO-FSS Datasheet
132Kb / 1P
   Break-Away Bumpers
logo
Festo Corporation.
FSS-12-C FESTO-FSS-12-C Datasheet
76Kb / 1P
   Quickstepper
logo
Honeywell Solid State E...
FSS-SMT HONEYWELL-FSS-SMT Datasheet
213Kb / 6P
   Low Profile Force Sensor
FSS-SMT HONEYWELL-FSS-SMT Datasheet
362Kb / 4P
   Low Profile Force Sensor
More results

Similar Description - FSS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FSW SCHURTER-FSW_V01 Datasheet
495Kb / 5P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FSW SCHURTER-FSW Datasheet
587Kb / 3P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FSW SCHURTER-FSW_17 Datasheet
396Kb / 4P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FSS SCHURTER-FSS_V01 Datasheet
444Kb / 4P
   AC Filter 2-Stage, Very High Symmetrical Attenuationl
FMABNEO SCHURTER-FMABNEO_V02 Datasheet
1Mb / 13P
   AC Filter, High Symmetrical Attenuation
23.11.2021
FMABNEO SCHURTER-FMABNEO_V01 Datasheet
1Mb / 13P
   AC Filter, High Symmetrical Attenuation
FMABNEO SCHURTER-FMABNEO Datasheet
693Kb / 6P
   AC Filter, High Symmetrical Attenuation
FMABHV SCHURTER-FMABHV Datasheet
668Kb / 6P
   AC / DC Filter, High Symmetrical Attenuation
FMW-150 SCHURTER-FMW-150_V01 Datasheet
285Kb / 3P
   AC Filter 3-Stage, Very High Broad Band Attenuation
FMW-150 SCHURTER-FMW-150 Datasheet
413Kb / 2P
   AC Filter 3-Stage, Very High Broad Band Attenuation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com