Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39202B5140U410 Datasheet(PDF) 3 Page - EPCOS

Part # B39202B5140U410
Description  SAW filter TD-SCDMA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39202B5140U410 Datasheet(HTML) 3 Page - EPCOS

  B39202B5140U410 Datasheet HTML 1Page - EPCOS B39202B5140U410 Datasheet HTML 2Page - EPCOS B39202B5140U410 Datasheet HTML 3Page - EPCOS B39202B5140U410 Datasheet HTML 4Page - EPCOS B39202B5140U410 Datasheet HTML 5Page - EPCOS B39202B5140U410 Datasheet HTML 6Page - EPCOS B39202B5140U410 Datasheet HTML 7Page - EPCOS B39202B5140U410 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
February 26, 2010
B5140
2017.50 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
=
-40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
2017.5
MHz
Maximum insertion attenuation
α
max
2010.0
... 2025.0
MHz
4.2
5.3
dB
Amplitude ripple (p-p)
∆α
2010.0
... 2025.0
MHz
0.6
1.7
dB
VSWR
2010.0
... 2025.0
MHz
1.7
1.9
Attenuation
α
1700.0
... 1785.0
MHz
40
43
dB
1800.0
... 1860.0
MHz
40
43
dB
1920.0
... 1970.0
MHz
30
44
dB
1970.0
... 1980.0
MHz
20
33
dB
1980.0
... 2000.0
MHz
3
5
dB
2035.0
... 2045.0
MHz
3
5
dB
2045.0
... 2050.0
MHz
4
13
dB
2050.0
... 2070.0
MHz
6
20
dB
2070.0
... 2085.0
MHz
30
40
dB
2170.0
... 4000.0
MHz
37
40
dB


Similar Part No. - B39202B5140U410

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39202B5142U410 EPCOS-B39202B5142U410 Datasheet
102Kb / 9P
   SAW filter PCSG RF Tx filter
logo
TDK Electronics
B39202B5142U410 TDK-B39202B5142U410 Datasheet
118Kb / 9P
   SAW filter
More results

Similar Description - B39202B5140U410

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5062 EPCOS-B5062 Datasheet
69Kb / 7P
   SAW IF filter TD-SCDMA
B5213 EPCOS-B5213 Datasheet
71Kb / 7P
   SAW IF filter TD-SCDMA
B5206 EPCOS-B5206 Datasheet
57Kb / 7P
   SAW IF filter TD-SCDMA
logo
Murata Manufacturing Co...
SAWFD1G90LA0F0A MURATA1-SAWFD1G90LA0F0A Datasheet
292Kb / 10P
   SAW FILTER FOR TD-SCDMA
Sep. 29, 2010
logo
Transko Electronics, In...
TA2017DM TRANSKO-TA2017DM Datasheet
394Kb / 4P
   TD-SCDMA, RF SAW Filter
Revision 0: September 2009
logo
EPCOS
B5077 EPCOS-B5077 Datasheet
67Kb / 8P
   SAW IF filter TD-SCDMA
B5207 EPCOS-B5207 Datasheet
65Kb / 7P
   SAW IF filter TD-SCDMA
logo
Transko Electronics, In...
TA1900BQ1 TRANSKO-TA1900BQ1 Datasheet
523Kb / 5P
   TD-SCDMA, RF SAW Filter
Revision 0: October 2011
logo
EPCOS
B9467 EPCOS-B9467 Datasheet
96Kb / 8P
   SAW filter TD-SCDMA 2100
logo
Murata Manufacturing Co...
SAFEA2G01FA0F0A MURATA1-SAFEA2G01FA0F0A Datasheet
420Kb / 8P
   SAW FILTER FOR TD-SCDMA
Feb. 11, 2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com