Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5142 Datasheet(PDF) 3 Page - EPCOS

Part # B5142
Description  SAW filter PCSG RF Tx filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5142 Datasheet(HTML) 3 Page - EPCOS

  B5142 Datasheet HTML 1Page - EPCOS B5142 Datasheet HTML 2Page - EPCOS B5142 Datasheet HTML 3Page - EPCOS B5142 Datasheet HTML 4Page - EPCOS B5142 Datasheet HTML 5Page - EPCOS B5142 Datasheet HTML 6Page - EPCOS B5142 Datasheet HTML 7Page - EPCOS B5142 Datasheet HTML 8Page - EPCOS B5142 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
March 08, 2010
B5142
1962.50 MHz
SAW Components
SAW filter
Preliminary data
Please read
cautions and warnings and
important notes at the end of this document.
Application
s
Low-loss RF filter for PCS+G base-station Tx path
s
Low amplitude ripple
s
No matching required for operation at 50
s
Usable passband 65 MHz
Features
s
Package size 3.0 x 3.0 x 1.1 mm3
s
Package code DCC6C
s
RoHS compatible
s
Approximate weight 0.037 g
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
Pin configuration
s
2
Input unbalanced
s
5
Output unbalanced
s
1,3,4,6
To be grounded


Similar Part No. - B5142

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5140 EPCOS-B5140 Datasheet
76Kb / 8P
   SAW filter TD-SCDMA
logo
Cynergy3 Co
B514F-2 CYNERGY3-B514F-2 Datasheet
244Kb / 2P
   25-42.5Amp,SCR/Diode Modules
logo
Crydom Inc.,
B514F-2 CRYDOM-B514F-2 Datasheet
802Kb / 5P
   Eight Circuits to Choose from
logo
Cynergy3 Co
B514F-2T CYNERGY3-B514F-2T Datasheet
244Kb / 2P
   25-42.5Amp,SCR/Diode Modules
logo
Crydom Inc.,
B514F-2T CRYDOM-B514F-2T Datasheet
802Kb / 5P
   Eight Circuits to Choose from
More results

Similar Description - B5142

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
802-RF1880.0M-A OSCILENT-802-RF1880.0M-A Datasheet
379Kb / 3P
   US-PCS, RF-Tx SAW Filter
802-RF1765.0M-D OSCILENT-802-RF1765.0M-D Datasheet
463Kb / 3P
   K-PCS, RF-Tx SAW Filter
logo
Transko Electronics, In...
TA1880AM TRANSKO-TA1880AM Datasheet
403Kb / 4P
   US-PCS, RF-Tx SAW Filter
Revision 0:
TA1765DM TRANSKO-TA1765DM Datasheet
436Kb / 4P
   K-PCS, RF-Tx SAW Filter
Revision 0:
logo
TEMEX
TMXW350 TEMEX-TMXW350 Datasheet
254Kb / 5P
   SAW Bandpass Filter - K-PCS Tx - RF
TMXW348 TEMEX-TMXW348 Datasheet
306Kb / 5P
   SAW Bandpass Filter - US PCS Tx - RF
logo
Oscilent Corporation
803-RF457.6M-A OSCILENT-803-RF457.6M-A Datasheet
472Kb / 3P
   CDMA450 (G-Band), RF-Tx SAW Filter
802-RF457.6M-A OSCILENT-802-RF457.6M-A Datasheet
485Kb / 3P
   CDMA450(G-Band), RF-Tx SAW Filter
logo
Transko Electronics, In...
TA1775CM TRANSKO-TA1775CM Datasheet
441Kb / 4P
   K-PCS, RF SAW Filter
Revision 0: April 2011
TA1867AM TRANSKO-TA1867AM Datasheet
445Kb / 4P
   K-PCS, RF SAW Filter
Revision 0: March 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com