Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7100.1117.xx Datasheet(PDF) 1 Page - Schurter Inc.

Part # 7100.1117.xx
Description  Subminiature Fuse, 11.5 x 5 mm, Tr짰e T
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

7100.1117.xx Datasheet(HTML) 1 Page - Schurter Inc.

  7100.1117.xx Datasheet HTML 1Page - Schurter Inc. 7100.1117.xx Datasheet HTML 2Page - Schurter Inc. 7100.1117.xx Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Non resettable fuses
FRT 250T
www.schurter.com/pg0_2
Fuses
Subminiature Fuse, 11.5 x 5 mm, Träge T
 
 
IEC 60127-4 · 250VAC · Time-Lag T
Description
-Notrecommendedfornewdesigns
Standards
-IEC60127-4/1
-UL248-14
-CSAC22.2no.248.14
Approvals
-ULFileNumber:E41599
Applications
-PrimaryProtectiononPCB
-PowerSupplyAdapterfore.g.laptops
References
GeneralProductInformation
Time-CurrentCurvesseelastpage
CorrespondingFuseholder231819
PackagingDetails
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,SCHURTER-Stock-Check,
Distributor-Stock-Check
Technical Data
RatedVoltage
250VAC
RatedCurrent
0.2-10A
BreakingCapacity
50A-100A
Characteristic
Time-LagT
Mounting
PCB,THT
AdmissibleAmbientAirTemp. -40°Cto85°C
ClimaticCategory
40/085/21acc.toIEC60068-1
Material:Housing
Thermoplastic,UL94V-0
Material:Terminals
Tin-PlatedCopper
UnitWeight
0.72g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,CurrentRating,VoltageRating,
Characteristic,BreakingCapacity,Ap-
provals
SolderingMethods
Wave,Iron
Solderability
235°C/2secacc.toIEC60068-2-20,
TestTa,method1
ResistancetoSolderingHeat
260°C/5secacc.toIEC60068-2-20,
TestTb,method1A
ResistancetoVibration
acc.toIEC60068-2-6,testFc
Dimensions
Length
11.5mm
 
11.5
5
7.5
ø 0.6
11.5
7.5
1
+0.1
0
7.5
Drilling Diagram
Pre-Arcing Time
Rated Current In
.25 x In min. 2.0 x In max. 0.0 x In min.
0.0 x
In max.
0.2 A - 10 A
60 min
120 s
10 ms
100 ms


Similar Part No. - 7100.1117.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
7100.1157.xx SCHURTER-7100.1157.xx Datasheet
347Kb / 3P
   Subminiature Fuse, 11.5 x 5 mm, Flink F
7100.1158.xx SCHURTER-7100.1158.xx Datasheet
347Kb / 3P
   Subminiature Fuse, 11.5 x 5 mm, Flink F
7100.1159.xx SCHURTER-7100.1159.xx Datasheet
347Kb / 3P
   Subminiature Fuse, 11.5 x 5 mm, Flink F
7100.1160.xx SCHURTER-7100.1160.xx Datasheet
347Kb / 3P
   Subminiature Fuse, 11.5 x 5 mm, Flink F
7100.1161.xx SCHURTER-7100.1161.xx Datasheet
347Kb / 3P
   Subminiature Fuse, 11.5 x 5 mm, Flink F
More results

Similar Description - 7100.1117.xx

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FRT250T SCHURTER-FRT250T_V02 Datasheet
339Kb / 5P
   Subminiature Fuse, 11.5 x 5 mm, Time-Lag T
04.01.2022
FRT250F SCHURTER-FRT250F Datasheet
347Kb / 3P
   Subminiature Fuse, 11.5 x 5 mm, Flink F
FRT250F SCHURTER-FRT250F_V01 Datasheet
285Kb / 5P
   Subminiature Fuse, 11.5 x 5 mm, Quick-Acting F
29.09.2021
FRT250F SCHURTER-FRT250F_V02 Datasheet
345Kb / 5P
   Subminiature Fuse, 11.5 x 5 mm, Quick-Acting F
04.01.2022
FRT250F SCHURTER-FRT250F_18 Datasheet
267Kb / 5P
   Subminiature Fuse, 11.5 x 5 mm, Quick-Acting F
80200504 SCHURTER-80200504 Datasheet
340Kb / 2P
   Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
SPT3.6X10 SCHURTER-SPT3.6X10 Datasheet
254Kb / 3P
   Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
8020.0504.PT SCHURTER-8020.0504.PT Datasheet
222Kb / 2P
   Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
20400609 SCHURTER-20400609 Datasheet
451Kb / 3P
   Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom
172844 SCHURTER-172844 Datasheet
284Kb / 2P
   Subminiature Fuse, 3.8 x 10 mm, Time-Lag T, 125 VAC, 125 VDC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com