Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0034.3415 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 0034.3415
Description  Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.3415 Datasheet(HTML) 2 Page - Schurter Inc.

  0034.3415 Datasheet HTML 1Page - Schurter Inc. 0034.3415 Datasheet HTML 2Page - Schurter Inc. 0034.3415 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Non resettable fuses
FST 6.3x32
www.schurter.com/pg0_2
Fuses
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
.0 In max.
[mV]
Voltage Drop
.0 In typ.
[mV]
Power Dissi-
pation .5 In
typ. [mW]
Melting I²t
0.0 Intyp.
[A²s]
Order Number
0.02
250
1)
5500
2800
100
0.003
0034.3401
0.032
250
1)
5500
2700
100
0.01
0034.3402
0.04
250
1)
5000
2100
100
0.007
0034.3403
0.05
250
1)
5000
1600
100
0.007
0034.3404
0.063
250
1)
4000
1500
100
0.02
0034.3405
0.08
250
1)
3400
1100
100
0.04
0034.3406
0.1
250
1)
2500
940
100
0.04
0034.3407
0.125
250
1)
2000
890
100
0.09
0034.3408
0.16
250
1)
1700
770
100
0.17
0034.3409
0.2
250
1)
1400
840
200
0.3
0034.3410
0.25
250
1)
1200
590
200
0.4
0034.3411
0.315
250
1)
900
200
100
0.13
0034.3412
0.4
250
1)
650
180
100
0.3
0034.3413
0.5
250
1)
550
140
100
0.5
0034.3414
0.63
250
1)
450
140
100
1.2
0034.3415
0.8
250
1)
320
140
100
2.2
0034.3416
1
250
1)
270
140
200
3.6
0034.3417
1.25
250
1)
250
100
200
7
0034.3418
1.6
250
1)
200
100
200
15
0034.3419
2
250
1)
200
90
200
27
0034.3420
2.5
250
1)
200
80
300
48
0034.3421
3.15
250
1)
200
80
300
72
0034.3422
4
250
2)
200
80
400
131
0034.3423
5
250
2)
200
80
500
218
0034.3424
6.3
250
2)
200
80
700
300
0034.3425
8
250
2)
200
120
1500
500
0034.3426
10
250
2)
200
110
1600
670
0034.3427
12.5
250
2)
180
100
1700
1070
0034.3428
16
250
2)
150
90
2200
1720
0034.3429
20
250
2)
150
100
3300
3520
0034.3430
1)35A@250VAC,p.f.=1.0
2)10In@250VAC,p.f.=1.0
Packaging Unit
SmallBoxPack(10pcs.)


Similar Part No. - 0034.3415

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.3415 SCHURTER-0034.3415 Datasheet
75Kb / 2P
   Miniature Fuses Type FST 6,332 time-lag T
0034.3415 SCHURTER-0034.3415 Datasheet
186Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
29.09.2021
More results

Similar Description - 0034.3415

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FST6.3X32 SCHURTER-FST6.3X32_V01 Datasheet
186Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
29.09.2021
FST6.3X32 SCHURTER-FST6.3X32_V02 Datasheet
213Kb / 4P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
09.12.2021
FST6.3X32 SCHURTER-FST6.3X32 Datasheet
234Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
SPT6.3X32 SCHURTER-SPT6.3X32 Datasheet
256Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, Sand, 250 VAC
00012521 SCHURTER-00012521 Datasheet
297Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, Sand, 250 VAC
00345207 SCHURTER-00345207 Datasheet
274Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
FST6.3X32UL SCHURTER-FST6.3X32UL Datasheet
244Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
FST6.3X32UL SCHURTER-FST6.3X32UL_V02 Datasheet
180Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
04.01.2022
172600 SCHURTER-172600_18 Datasheet
184Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, NNO, 250 VAC
172600 SCHURTER-172600 Datasheet
351Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, NNO, 250 VAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com