Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0034.5044 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0034.5044
Description  Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.5044 Datasheet(HTML) 1 Page - Schurter Inc.

  0034.5044 Datasheet HTML 1Page - Schurter Inc. 0034.5044 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Non resettable fuses
FTT 5x20
www.schurter.com/pg0_2
Fuses
Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
UL 248-14 · 250VAC · Super-Time-Lag TT
Description
-LowBreakingCapacity
-GlassTube
Standards
-UL248-14
-CSAC22.2no.248.14
Approvals
-ULFileNumber:E41599
References
GeneralProductInformation
AssembledFuseholderOGN-SMD
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check,
Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage
250VAC
RatedCurrent
0.063-4A
BreakingCapacity
35A
Characteristic
Super-Time-LagTT
Mounting
Fuseholder/Clip
AdmissibleAmbientAirTemp. -40°Cto85°C
ClimaticCategory
40/085/21acc.toIEC60068-1
Material:Tube
Glass
Material:Endcaps
Nickel-PlatedCopperAlloy
UnitWeight
1g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Current,Voltage,Characteristic,
Approvals
Dimensions
20mm
 
10
20±0.5
±0.2
Pre-Arcing Time
Rated Current In
.5 x In min. 2. x In max.
2.75 x In
min.
2.75 x In
max.
4.0 x In min. 4.0 x In max.
0.0 x In
min.
0.0 x In
max.
0.063 A - 0.1 A
60 min
30 min
3 s
100 s
800 ms
20 s
60 ms
1 s
0.125 A - 4 A
60 min
30 min
5 s
200 s
1.5 s
40 s
150 ms
3 s


Similar Part No. - 0034.5044

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.5042 SCHURTER-0034.5042 Datasheet
262Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
04.01.2022
0034.5043 SCHURTER-0034.5043 Datasheet
262Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
04.01.2022
0034.5046 SCHURTER-0034.5046 Datasheet
262Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
04.01.2022
0034.5048 SCHURTER-0034.5048 Datasheet
262Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
04.01.2022
0034.5049 SCHURTER-0034.5049 Datasheet
262Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
04.01.2022
More results

Similar Description - 0034.5044

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FTT5X20 SCHURTER-FTT5X20_V02 Datasheet
262Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
04.01.2022
FTT5X20 SCHURTER-FTT5X20 Datasheet
247Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, 250 VAC
D1TD SCHURTER-D1TD Datasheet
476Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, NF, 220 VAC
D1TD SCHURTER-D1TD_18 Datasheet
281Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, NF, 220 VAC
D20TD SCHURTER-D20TD Datasheet
373Kb / 3P
   Miniature Fuse, 10.3 x 38 mm, Super-Time-Lag TT, 250 VAC
D20TD SCHURTER-D20TD_V01 Datasheet
201Kb / 2P
   Miniature Fuse, 10.3 x 38 mm, Super-Time-Lag TT, 250 VAC
D1TD SCHURTER-D1TD_V02 Datasheet
180Kb / 3P
   Miniature Fuse, 5 x 20 mm, Super-Time-Lag TT, NF, 220 VAC
04.01.2022
00343101 SCHURTER-00343101 Datasheet
362Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
FST5X20 SCHURTER-FST5X20 Datasheet
333Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
FST5X20 SCHURTER-FST5X20_V02 Datasheet
349Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com