Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITNA-0249-D104 Datasheet(PDF) 1 Page - Schurter Inc.

Part # ITNA-0249-D104
Description  Pulse transformers for THT mounting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

ITNA-0249-D104 Datasheet(HTML) 1 Page - Schurter Inc.

  ITNA-0249-D104 Datasheet HTML 1Page - Schurter Inc. ITNA-0249-D104 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Pulse Transformers
IT
www.schurter.com/pg85
EMC Products
Pulse transformers for THT mounting
Description
-Highinsulationrating(>3.2kVAC)betweentheprimaryandthesecon-
darywindings
-Highinsulationratingupto500Vbetweenthesecondarywindings
-Smallcouplingcapacitancesbetweenprimaryandsecondarywindings
limittransientfeedbackfromthepowersupplysidetothecontrolelec-
tronics
-Thedefinedpartialdischargevoltageguaranteesaneffecivelyunlimited
serviceablelive
Standards
-VDE110b
Applications
-Galvanicseparationofdrive-andpower-circuit
-MainlyusedinignitioncircuitswithThyristors,Triacs,powertransistors
andIGBT's
-DC/DCconverters
-Linecouplingtransformersinhighspeeddatatransmission
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check
Technical Data
Ratedvoltage
upto600VAC
VoltageTimeIntegral
150-400Vµs
PulseRiseTime
0.05-1.5µs
TurnsRatio
1:1,2:1,1:1:1
Terminaltechnic
THT
Weight
6-11g
Material:Housing
Plastics
SealingCompound
UL94V-0
ClimaticCategory
25/100/21acc.toIEC60068-1
AllowableOperationTemp.
-25°Cto100°C
Dimensions
Case 35-3
max. 13
max. 10.6
1.8
10.2±0.2
3.5
0
–0.5
2
1
1)
5.1±0.2
4
5
Case 35-4
max. 13
max. 10.6
1.8
3.5
0
–0.5
10.2±0.2
2
1
1)
5.1±0.2
4 5
3
6
1) Prim.


Similar Part No. - ITNA-0249-D104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ITNA-0249-D104 ETC2-ITNA-0249-D104 Datasheet
265Kb / 3P
   Pulse transformers for THT mounting
More results

Similar Description - ITNA-0249-D104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ITRF-0239-D502 ETC2-ITRF-0239-D502 Datasheet
265Kb / 3P
   Pulse transformers for THT mounting
logo
Schurter Inc.
ITRA-0235-D103 SCHURTER-ITRA-0235-D103 Datasheet
279Kb / 3P
   Pulse transformers for THT mounting
04.01.2022
IL-11-0001 SCHURTER-IL-11-0001_V02 Datasheet
218Kb / 2P
   Cost optimized pulse transformers for THT mounting
04.01.2022
IL-11-0001 SCHURTER-IL-11-0001 Datasheet
419Kb / 2P
   Cost optimized pulse transformers for THT mounting
ILR SCHURTER-ILR_V02 Datasheet
211Kb / 2P
   Cost optimized pulse transformers for THT mounting, short rise time
04.01.2022
ILR SCHURTER-ILR Datasheet
345Kb / 1P
   Cost optimized pulse transformers for THT mounting, short rise time
ISRA-0235-D103 SCHURTER-ISRA-0235-D103 Datasheet
271Kb / 3P
   Pulse transformers for SMD mounting
04.01.2022
ISNA-0235-D103 SCHURTER-ISNA-0235-D103 Datasheet
497Kb / 3P
   Pulse transformers for SMD mounting
IX-30-0001 SCHURTER-IX-30-0001 Datasheet
317Kb / 1P
   Cost optimized pulse transformer for THT mounting, up to 2W
IX-30-0001 SCHURTER-IX-30-0001_V02 Datasheet
205Kb / 2P
   Cost optimized pulse transformer for THT mounting, up to 2W
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com