Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM4.5302.123 Datasheet(PDF) 1 Page - Schurter Inc.

Part # GRM4.5302.123
Description  mounting, line switch, fuseh. 5x20 mm with/without voltage sel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

GRM4.5302.123 Datasheet(HTML) 1 Page - Schurter Inc.

  GRM4.5302.123 Datasheet HTML 1Page - Schurter Inc. GRM4.5302.123 Datasheet HTML 2Page - Schurter Inc. GRM4.5302.123 Datasheet HTML 3Page - Schurter Inc. GRM4.5302.123 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

Power entry modules with line filter
GRM4
www.schurter.com/pg06
EMC products
"Lock and shield" mounting, line switch, fuseh. 5x20 mm with/without voltage sel. (series-parallel)
Snap-In Version
GRM4: with shield and line filter
Standard- or Medical-Filter
C14
70° C
Description
-PanelMount:
Snap-InVersionfromrear-side
-5Functions:
InletProtectionclassI,Lineswitch2-pole,withorwithoutFuseholder
forfuse-links5x20mm,withorwithoutvoltageselector,Linefilterin
standardandmedicalversion
-Onphase-out,notrecommendedfornewdesign
Approvals
-VDELicenseNumber:118913
-ULLicenseNumber:E72928
-CSALicenseNumber:701867
Characteristics
-Ultra-compactdesign
Timesaving"LockandShield"snap-indesignforrear-panelmounting
-Allsingleelementsarealreadywired
-Fuseholderontheinsideoftheequipmentpreventsaccidentaluseof
incorrectfuse-linksbytheuser
-Voltageselectorfortwovoltageranges
InnovativeEMC-shieldingwithflexiblesteelsegmentsforanexcellent
contacttothepanel
-Insulationcoverontherear-side
-QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
-Panelthickness1.0/2/2.5mm(max.)
-Fuseholder1-pole
-Lineswitch1-pole
-Voltageselectorwithothermarking
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,SCHURTER-Stock-Check,
Distributor-Stock-Check
Technical Data
RatingsIEC
0.5-10A@Ta40°C/250VAC;50Hz
RatingsUL/CSA
0.5-10A@Ta40°C/125VAC;60Hz
LeakageCurrent
standard<0.5mA(250V/60Hz)
medical<5µA(250V/60Hz)
DielectricStrength
>1.7kVDCbetweenL-N
>2.7kVDCbetweenL/N-PE
Testvoltage(2sec)
AllowableOperationTemp.
-25°Cto85°C
ClimaticCategory
25/085/21acc.toIEC60068-1
DegreeofProtection
fromfrontsideIP40acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
classIacc.toIEC61140
Terminal
Quickconnectterminals4.8x0.8mm
Solderterminalonrequest
Solderterminalsforvoltageselector
PanelThicknesss
Snap-in:1.5mm
(otheronrequest)
Material:Housing
Thermoplastic,black,UL94V-0
Appliance-Inlet/-Outlet
C14acc.toIEC/EN60320-1,
UL498,CSAC22.2no.42(forcold
condition)pin-temperature70°C,10A,
ProtectionclassI
Fuseholder
1or2pole,ShocksafecategoryPC2
acc.toIEC60127-6,
forfuse-links5x20mm
RatedPowerAcceptance@
Ta23°C
5x20:2W(1pole)/1.6W(2-pole)per
pole
PowerAcceptance@Ta>
23°C
Admissiblepoweracceptanceathig-
herambienttemperatureseederating
curves
LineSwitch
Rockerswitch2-pole,non-illuminated,
acc.toIEC61058-1
Technicaldetails
Voltageselector
optional,jumper,2digits
LineFilter
StandardandMedicalVersion,IEC
60939,IEC60601-1,UL1283,UL544,
EN133200,CSAC22.2no.8
Technicaldetails
MTBF
>1'400'000hacc.toMIL-HB-217F


Similar Part No. - GRM4.5302.123

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
GRM4 SCHURTER-GRM4 Datasheet
608Kb / 10P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1-or 2-pole, optional Voltage Selector (Series-Parallel), "Lock and Shield" Mounting
20.08.2020
logo
ORION FANS
GRM40 ORIONFANS-GRM40 Datasheet
416Kb / 1P
   Plastic - reinforced ABS
logo
NXP Semiconductors
GRM40-001COG470J050BD NXP-GRM40-001COG470J050BD Datasheet
556Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 9, 5/2006
GRM40-001COG8R2C050BD NXP-GRM40-001COG8R2C050BD Datasheet
556Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 9, 5/2006
logo
ORION FANS
GRM40-30 ORIONFANS-GRM40-30 Datasheet
408Kb / 1P
   Filter Assemblies
More results

Similar Description - GRM4.5302.123

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FUSEDRAWER2 SCHURTER-FUSEDRAWER2_V01 Datasheet
371Kb / 6P
   Fusedrawer for Fuse Links 5x20 mm, with or without Voltage Selector Insert
FUSEDRAWER2 SCHURTER-FUSEDRAWER2 Datasheet
336Kb / 5P
   Fusedrawer f체r Fuse Links 5x20 mm, with or without Voltage Selector Insert
FUSEDRAWER2 SCHURTER-FUSEDRAWER2_V02 Datasheet
371Kb / 6P
   Fusedrawer for Fuse Links 5x20 mm, with or without Voltage Selector Insert
04.01.2022
logo
Littelfuse
194 LITTELFUSE-194 Datasheet
88Kb / 2P
   MINIATURE FUSES - 5x20 mm
311 LITTELFUSE-311 Datasheet
100Kb / 2P
   MINIATURE FUSES - 5x20 mm
181 LITTELFUSE-181 Datasheet
88Kb / 2P
   MINIATURE FUSES - 5x20 mm
191 LITTELFUSE-191 Datasheet
54Kb / 2P
   MINIATURE FUSES - 5x20 mm
230 LITTELFUSE-230 Datasheet
60Kb / 2P
   MINIATURE FUSES - 5x20 mm
230 LITTELFUSE-230_1 Datasheet
60Kb / 2P
   5x20 mm MINIATURE FUSES
logo
Schurter Inc.
CD11.1501.151 SCHURTER-CD11.1501.151 Datasheet
571Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Step)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com