Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0034.3128.PT Datasheet(PDF) 2 Page - Schurter Inc.

Part # 0034.3128.PT
Description  Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.3128.PT Datasheet(HTML) 2 Page - Schurter Inc.

  0034.3128.PT Datasheet HTML 1Page - Schurter Inc. 0034.3128.PT Datasheet HTML 2Page - Schurter Inc. 0034.3128.PT Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Non resettable fuses
FST 5x20
www.schurter.com/pg0_2
Fuses
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
.0 In max.
[mV]
Voltage Drop
.0 In typ.
[mV]
Power Dissi-
pation .5 In
max. [mW]
Power Dissi-
pation .5 In
typ. [mW]
Melting I²t
0.0 Intyp.
[A²s]
Order Number
0.02
250
1)
-
2700
-
100
0.0012
 
 
 
 
 
0034.3101
0.032
250
1)
5000
3000
1600
200
0.0019
 
 
l
 
 
0034.3102
0.04
250
1)
4000
2100
1600
200
0.0027
l
 
l
 
 
0034.3103
0.05
250
1)
3500
950
1600
125
0.0363
l
 
l
 
l
0034.3104
0.063
250
1)
3000
1300
1600
200
0.0401
l
 
l
 
l
0034.3105
0.08
250
1)
3000
1100
1600
300
0.057
l
 
l
 
l
0034.3106
0.1
250
1)
2500
565
1600
155
0.107
l
 
l
 
l
0034.3107
0.125
250
1)
2000
400
1600
200
0.064
l
 
l
 
l
0034.3108
0.16
250
1)
1900
415
1600
185
0.23
l
 
l
 
l
0034.3109
0.2
250
1)
1500
270
1600
200
0.256
l
 
l
 
l
0034.3110
0.25
250
1)
1300
210
1600
200
0.238
l
 
l
 
l
0034.3111
0.315
250
1)
1100
170
1600
200
0.544
l
 
l
 
l
0034.3112
0.4
250
1)
1000
150
1600
200
0.768
l
 
l
 
l
0034.3113
0.5
250
1)
900
160
1600
200
3
l
 
l
 
l
0034.3114
0.63
250
1)
300
160
1600
300
4.35
l
 
l
 
l
0034.3115
0.8
250
1)
250
120
1600
300
3.85
l
 
l
 
l
0034.3116
1
250
1)
150
60
1600
200
3.3
l
 
l
l
l
0034.3117
1.25
250
1)
150
60
1600
300
5.5
l
 
l
l
l
0034.3118
1.4
250
1)
-
60
-
300
7.45
 
 
l
l
 
0034.3165
1.6
250
1)
150
60
1600
300
10.5
l
 
l
l
l
0034.3119
2
250
1)
150
60
1600
300
16
l
 
l
l
l
0034.3120
2.5
250
1)
120
60
1600
400
21.9
l
 
l
l
l
0034.3121
3.15
250
1)
100
60
1600
500
47
l
 
l
l
l
0034.3122
4
250
2)
100
60
1600
800
68.3
l
 
l
l
l
0034.3123
5
250
2)
100
60
1600
900
102
l
 
l
l
l
0034.3124
6.3
250
2)
100
60
1600
1000
190
l
 
l
 
l
0034.3125
8
250
2)
100
60
4000
1300
275
l
 
l
 
 
0034.3126
10
250
2)
100
60
4000
1300
520
l
 
l
 
 
0034.3127
12.5
250
2)
-
60
-
2500
750
 
l
l
 
 
0034.3128
16
250
2)
-
60
-
3300
1638
 
l
l
 
 
0034.3129
20
250
2)
-
60
-
4200
3057
 
 
l
 
 
0034.3130
1)35A@250VAC
2)10In@250VAC
Packaging Unit
xxxx.xxxx.G
Bulk128x91x60mm(1000pcs.)


Similar Part No. - 0034.3128.PT

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.3128 SCHURTER-0034.3128 Datasheet
169Kb / 2P
   Non resettable fuses
0034.3128 SCHURTER-0034.3128 Datasheet
349Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
04.01.2022
More results

Similar Description - 0034.3128.PT

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FST5X20 SCHURTER-FST5X20 Datasheet
333Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
FST5X20 SCHURTER-FST5X20_V02 Datasheet
349Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
04.01.2022
FST5X20 SCHURTER-FST5X20_V01 Datasheet
349Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
29.09.2021
20100011 SCHURTER-20100011 Datasheet
285Kb / 2P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, L, 250 VAC
FSU5X20 SCHURTER-FSU5X20 Datasheet
207Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, L, 250 VAC
FSU5X20 SCHURTER-FSU5X20_V01 Datasheet
217Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, Telecom, L, 250 VAC
17.10.2018
00343761 SCHURTER-00343761 Datasheet
259Kb / 2P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
FSL5X20 SCHURTER-FSL5X20 Datasheet
181Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
FSL5X20 SCHURTER-FSL5X20_V01 Datasheet
254Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
FSL5X20 SCHURTER-FSL5X20_V02 Datasheet
254Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, cULus, 250 VAC
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com