Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0034.5608.11-ND Datasheet(PDF) 2 Page - Schurter Inc.

Part # 0034.5608.11-ND
Description  Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0034.5608.11-ND Datasheet(HTML) 2 Page - Schurter Inc.

  0034.5608.11-ND Datasheet HTML 1Page - Schurter Inc. 0034.5608.11-ND Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Non resettable fuses
FST 6.3x32 (UL)
www.schurter.com/pg0_2
Fuses
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
.0 In max.
[mV]
Power Dissi-
pation . In
typ. [mW]
Melting I²t 0.0
Intyp. [A²s]
Order Number
0.1
250
1)
4500
1170
0.24
l
l
0034.5207
0.125
250
1)
4136
1220
0.37
l
l
0034.5208
0.2
250
1)
2808
1350
0.91
l
l
0034.5213
0.25
250
1)
2334
1410
1.42
l
l
0034.5214
0.3
250
1)
1950
1460
2.22
l
l
0034.5215
0.375
250
1)
1800
1580
3.15
l
l
0034.5217
0.5
250
1)
1125
1800
5.41
l
l
0034.5219
0.75
250
1)
931
2030
10.1
l
l
0034.5223
1
250
1)
750
2210
206
l
l
0034.5225
1.25
250
2)
537
2300
32.3
l
l
0034.5227
1.6
250
2)
450
2370
50
l
l
0034.5229
2
250
2)
427
2480
79
l
l
0034.5231
2.5
250
2)
359
2570
123
l
l
0034.5233
3
250
2)
325
2660
192
l
l
0034.5235
4
250
3)
286
2750
300
l
l
0034.5238
5
250
3)
270
2840
469
l
l
0034.5239
6
250
3)
180
1400
455
l
l
0034.5241
7
250
3)
156
1470
592
l
l
0034.5243
8
250
3)
140
1530
769
l
l
0034.5244
10
125
4)
91
2700
1300
l
l
0034.5245
12
125
4)
90
3300
2031
l
l
0034.5246
15
125
4)
90
4500
3377
l
l
0034.5247
1)10kA@125VAC,p.f.=0.7-0.8/35A@250VAC,p.f.=0.7-0.8
2)10kA@125VAC,p.f.=0.7-0.8/35A@250VAC,p.f.=0.7-0.8
3)10kA@125VAC,p.f.=0.7-0.8/200A@50VAC,p.f.=0.7-0.8
4)10kA@125VAC,p.f.=0.7-0.8
Packaging Unit
SmallBoxPack(10pcs.)
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
Multiple of Rated Current In
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 0034.5608.11-ND

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0034.5608.xx SCHURTER-0034.5608.xx Datasheet
438Kb / 3P
   Surface Mount Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC, Au plating
0034.5608.xx SCHURTER-0034.5608.xx Datasheet
479Kb / 3P
   Directly solderable on printed circuit boards
More results

Similar Description - 0034.5608.11-ND

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FST6.3X32UL SCHURTER-FST6.3X32UL Datasheet
244Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
FST6.3X32UL SCHURTER-FST6.3X32UL_V02 Datasheet
180Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, 250 VAC
04.01.2022
172600 SCHURTER-172600_18 Datasheet
184Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, NNO, 250 VAC
172600 SCHURTER-172600 Datasheet
351Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, NNO, 250 VAC
172600 SCHURTER-172600_V02 Datasheet
179Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, UL, NNO, 250 VAC
04.01.2022
FST6.3X32 SCHURTER-FST6.3X32_V01 Datasheet
186Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
29.09.2021
FST6.3X32 SCHURTER-FST6.3X32_V02 Datasheet
213Kb / 4P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
09.12.2021
00343401 SCHURTER-00343401 Datasheet
298Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
FST6.3X32 SCHURTER-FST6.3X32 Datasheet
234Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, 250 VAC
SPT6.3X32 SCHURTER-SPT6.3X32 Datasheet
256Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Time-Lag T, Sand, 250 VAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com