Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSP2.9200.15 Datasheet(PDF) 3 Page - Schurter Inc.

Part # GSP2.9200.15
Description  IEC Appliance Inlet C14 or C18, sandwich Mounting, PCB- or Solder Terminal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

GSP2.9200.15 Datasheet(HTML) 3 Page - Schurter Inc.

  GSP2.9200.15 Datasheet HTML 1Page - Schurter Inc. GSP2.9200.15 Datasheet HTML 2Page - Schurter Inc. GSP2.9200.15 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

Connectors (Inlets/Outlets)
GSP2
www.schurter.com/pg07
Connectors
Protection Class
Panel mounting
Panel Thickness
s [mm]
Ground terminal 4.8 x 0.8 mm
Cover
Order Number
1
Snap-in
3
angled to pin axis
GSP2.9203.16
1
Snap-in
1.5
angled to pin axis
l
GSP2.9213.13
1
Snap-in
2
angled to pin axis
l
GSP2.9213.14
1
Snap-in
3
angled to pin axis
l
GSP2.9213.16
2
Screw
1.5
straight
GSP2.9100.13
2
Screw
3
straight
GSP2.9100.16
2
Screw
2
straight
l
GSP2.9110.14
2
Screw
2.5
straight
l
GSP2.9110.15
2
Snap-in
1.5
straight
GSP2.9200.13
2
Snap-in
2.5
straight
GSP2.9200.15
2
Snap-in
1.5
straight
l
GSP2.9210.13
2
Snap-in
2
straight
l
GSP2.9210.14
2
Snap-in
2.5
straight
l
GSP2.9210.15
2
Snap-in
3
straight
l
GSP2.9210.16
Additionalversiononrequest,e.g.:Groundterminalstraigtorquick-connectterminal6,3x0,8mm
Packaging unit
50Pcs
Mating Outlets/Connectors
Category / Description
Connector Overview complete
IEC Connector C15, Rewireable, Straight
0101
IEC Connector C15A, Rewireable, Straight
0102
IEC Connector C15A, Rewireable, Straight
0102-G
IEC Connector C15A, Rewireable, Angled
0112
IEC Connector C13, Rewireable, Angled
4012
Connector further types to GSP2
...
Power Cord Overview complete
Power Cord with IEC Connector C13, Angled
0311
Power Cord with IEC Connector C13, Angled
3011
Power Cord with IEC Connector C13, Angled
3012
Power Cord with IEC Connector C13, Angled
3013
Power Cord with IEC Connector C13
3020
Power Cord further types to GSP2
...
Power Supply or Interconnection Cord Overview complete
Divers Power Supply and Interconnection Cords 10 A
6000.0214
Divers Power Supply and Interconnection Cords 10 A
6000.0224
Divers Power Supply and Interconnection Cords 10 A
6003.0204
Divers Power Supply and Interconnection Cords 10 A
6003.0205
Divers Power Supply and Interconnection Cords 10 A
6003.0215
Power Supply or Interconnection Cord further types to GSP2
...
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - GSP2.9200.15

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
GSP2.9203.16 SCHURTER-GSP2.9203.16 Datasheet
429Kb / 5P
   IEC Appliance Inlet C14 or C18, sandwich Mounting, PCB-Terminal
05.01.2022
More results

Similar Description - GSP2.9200.15

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
GSP2 SCHURTER-GSP2_18 Datasheet
408Kb / 5P
   IEC Appliance Inlet C14 or C18, sandwich Mounting, PCB- or Solder Terminal
GSP2 SCHURTER-GSP2_V01 Datasheet
429Kb / 5P
   IEC Appliance Inlet C14 or C18, sandwich Mounting, PCB-Terminal
05.01.2022
GSP1 SCHURTER-GSP1 Datasheet
362Kb / 3P
   IEC Appliance Inlet C14 or C18, Screw-on Mounting, Rear Side, PCB- or Solder Terminal
6170 SCHURTER-6170 Datasheet
365Kb / 3P
   IEC Appliance Inlet C14, insert Mounting, Solder or Quick-connect, PCB or Screw Terminal
5707 SCHURTER-5707_17 Datasheet
838Kb / 8P
   IEC Appliance Inlet C14 or C18 with Filter
GSP1 SCHURTER-GSP1_18 Datasheet
342Kb / 4P
   IEC Appliance Inlet C14 or C18, Screw-on Mounting, Rear Side, PCB terminals
GSP1 SCHURTER-GSP1_V01 Datasheet
420Kb / 5P
   IEC Appliance Inlet C14 or C18, Screw-on Mounting, Rear Side, PCB terminals
GSP1 SCHURTER-GSP1_V02 Datasheet
420Kb / 5P
   IEC Appliance Inlet C14 or C18, Screw-on Mounting, Rear Side, PCB terminals
05.01.2022
1061 SCHURTER-1061_V02 Datasheet
378Kb / 4P
   IEC Appliance Inlet C14/C18, Snap-in Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
05.01.2022
1061 SCHURTER-1061_21 Datasheet
377Kb / 4P
   IEC Appliance Inlet C14/C18, Snap-in Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com